Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 53 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 49Page - Texas Instruments DIX4192 Datasheet HTML 50Page - Texas Instruments DIX4192 Datasheet HTML 51Page - Texas Instruments DIX4192 Datasheet HTML 52Page - Texas Instruments DIX4192 Datasheet HTML 53Page - Texas Instruments DIX4192 Datasheet HTML 54Page - Texas Instruments DIX4192 Datasheet HTML 55Page - Texas Instruments DIX4192 Datasheet HTML 56Page - Texas Instruments DIX4192 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
www.ti.com
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
CHANNEL STATUS AND USER DATA BUFFER MAPS (continued)
Table 5. DIR Channel Status Data Buffer Map (Register Page 1)
ADDRESS
BIT 0
(Hex)
CHANNEL
BYTE
(MSB)
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
0
1
0
D0
D1
D2
D3
D4
D5
D6
D7
1
2
0
D0
D1
D2
D3
D4
D5
D6
D7
2
1
1
D0
D1
D2
D3
D4
D5
D6
D7
3
2
1
D0
D1
D2
D3
D4
D5
D6
D7
4
1
2
D0
D1
D2
D3
D4
D5
D6
D7
5
2
2
D0
D1
D2
D3
D4
D5
D6
D7
6
1
3
D0
D1
D2
D3
D4
D5
D6
D7
7
2
3
D0
D1
D2
D3
D4
D5
D6
D7
8
1
4
D0
D1
D2
D3
D4
D5
D6
D7
9
2
4
D0
D1
D2
D3
D4
D5
D6
D7
A
1
5
D0
D1
D2
D3
D4
D5
D6
D7
B
2
5
D0
D1
D2
D3
D4
D5
D6
D7
C
1
6
D0
D1
D2
D3
D4
D5
D6
D7
D
2
6
D0
D1
D2
D3
D4
D5
D6
D7
E
1
7
D0
D1
D2
D3
D4
D5
D6
D7
F
2
7
D0
D1
D2
D3
D4
D5
D6
D7
10
1
8
D0
D1
D2
D3
D4
D5
D6
D7
11
2
8
D0
D1
D2
D3
D4
D5
D6
D7
12
1
9
D0
D1
D2
D3
D4
D5
D6
D7
13
2
9
D0
D1
D2
D3
D4
D5
D6
D7
14
1
10
D0
D1
D2
D3
D4
D5
D6
D7
15
2
10
D0
D1
D2
D3
D4
D5
D6
D7
16
1
11
D0
D1
D2
D3
D4
D5
D6
D7
17
2
11
D0
D1
D2
D3
D4
D5
D6
D7
18
1
12
D0
D1
D2
D3
D4
D5
D6
D7
19
2
12
D0
D1
D2
D3
D4
D5
D6
D7
1A
1
13
D0
D1
D2
D3
D4
D5
D6
D7
1B
2
13
D0
D1
D2
D3
D4
D5
D6
D7
1C
1
14
D0
D1
D2
D3
D4
D5
D6
D7
1D
2
14
D0
D1
D2
D3
D4
D5
D6
D7
1E
1
15
D0
D1
D2
D3
D4
D5
D6
D7
1F
2
15
D0
D1
D2
D3
D4
D5
D6
D7
20
1
16
D0
D1
D2
D3
D4
D5
D6
D7
21
2
16
D0
D1
D2
D3
D4
D5
D6
D7
22
1
17
D0
D1
D2
D3
D4
D5
D6
D7
23
2
17
D0
D1
D2
D3
D4
D5
D6
D7
24
1
18
D0
D1
D2
D3
D4
D5
D6
D7
25
2
18
D0
D1
D2
D3
D4
D5
D6
D7
26
1
19
D0
D1
D2
D3
D4
D5
D6
D7
27
2
19
D0
D1
D2
D3
D4
D5
D6
D7
28
1
20
D0
D1
D2
D3
D4
D5
D6
D7
29
2
20
D0
D1
D2
D3
D4
D5
D6
D7
2A
1
21
D0
D1
D2
D3
D4
D5
D6
D7
2B
2
21
D0
D1
D2
D3
D4
D5
D6
D7
2C
1
22
D0
D1
D2
D3
D4
D5
D6
D7
2D
2
22
D0
D1
D2
D3
D4
D5
D6
D7
2E
1
23
D0
D1
D2
D3
D4
D5
D6
D7
2F
2
23
D0
D1
D2
D3
D4
D5
D6
D7
53
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com