Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 24Page - Texas Instruments DIX4192 Datasheet HTML 25Page - Texas Instruments DIX4192 Datasheet HTML 26Page - Texas Instruments DIX4192 Datasheet HTML 27Page - Texas Instruments DIX4192 Datasheet HTML 28Page - Texas Instruments DIX4192 Datasheet HTML 29Page - Texas Instruments DIX4192 Datasheet HTML 30Page - Texas Instruments DIX4192 Datasheet HTML 31Page - Texas Instruments DIX4192 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
www.ti.com
RECEIVER INPUT INTERFACING
(1)Inserta0.1 Fcap
common-modeDCvoltage.
m
acitorwhenblocking
1:1
110W
0.1 F
m
0.1 F
m
ToRX+
T R
o
-
X
3
2
1
XLR
DigitalInput
110
B
W
alanced
C
(1)
(1)Inserta0.1 Fcap
common-modeDC
m
acitorwhenblocking
components.
1:1
75W
0.1 F
m
0.1 F
m
ToRX+
ToRX-
Dig ta
i lInput
75
Unbalan
W
ced
(RCAorBNCConnector)
C
(1)
(a)Transformer-CoupledUnbalancedLineInterface
75W
0.1 F
m
0.1 F
m
ToRX+
ToRX-
DigitalInput
75
Unbalan
W
ced
(RCAorBNCConnector)
(b)UnbalancedLineInterfaceWithoutTransformer
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
APPLICATIONS INFORMATION (continued)
This section details the recommended interfaces for the DIX4192 line receiver inputs. Balanced and unbalanced
line interfaces, in addition to optical receiver and external logic interfacing, are discussed.
For professional digital audio interfaces, 110
Ω balanced line interfaces are either required or preferred.
Transformer coupling is commonly employed to provide isolation and to improve common-mode noise rejection.
Figure 25 shows the recommended transformer-coupled balanced line receiver interface for the DIX4192. The
transformer is specified for a 1:1 turn ratio, and should exhibit low inter-winding capacitance for best
performance. Due to the DC bias on the line receiver inputs, 0.1
µF capacitors are utilized for AC-coupling the
transformer to the line receiver inputs. On the line side of the transformer, an optional 0.1
µF capacitor is shown
for cases where a DC bias may be applied at the transmitter side of the connection. The coupling capacitors
should be surface-mount ceramic chip type with an X7R or C0G dielectric.
Figure 25. Transformer-Coupled Balanced Input Interface
Unbalanced 75
Ω coaxial cable interfaces are commonly employed in consumer and broadcast audio
applications. Designs with and without transformer line coupling may be utilized. Figure 26(a) shows the
recommended 75
Ω transformer-coupled line interface, which shares many similarities to the balanced design
shown in Figure 25. Once again, the transformer provides isolation and improved noise rejection. Figure 26(b)
shows the transformer-free interface, which is commonly used for S/PDIF consumer connections.
Figure 26. Unbalanced Line Input Interfaces
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com