Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 32Page - Texas Instruments DIX4192 Datasheet HTML 33Page - Texas Instruments DIX4192 Datasheet HTML 34Page - Texas Instruments DIX4192 Datasheet HTML 35Page - Texas Instruments DIX4192 Datasheet HTML 36Page - Texas Instruments DIX4192 Datasheet HTML 37Page - Texas Instruments DIX4192 Datasheet HTML 38Page - Texas Instruments DIX4192 Datasheet HTML 39Page - Texas Instruments DIX4192 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
www.ti.com
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
Register 03: Port A Control Register 1
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
AMUTE
AOUTS1
AOUTS0
AM/S
AFMT2
AFMT1
AFMT0
AFMT[2:0]
Port A Audio Data Format
These bits are used to set the audio input and output data format for Port A. Refer to the Audio Serial Port Operation section for
illustrations of the supported data formats. Refer to the Electrical Characteristics: Audio Serial Ports table and Figure 1 for an applicable
timing diagram and parameters.
AFMT2
AFMT1
AFMT0
Audio Data Format
0
0
0
24-Bit Left-Justified (default)
0
1
0
24-Bit Philips I2S
0
1
0
Unused
0
1
1
Unused
1
0
0
16-Bit Right-Justified
1
0
1
18-Bit Right-Justified
1
1
0
20-Bit Right-Justified
1
1
1
24-Bit Right-Justified
AM/S
Port A Slave/Master Mode
This bit is used to set the audio clock mode for Port A to either Slave or Master.
AM/S
Slave/Master Mode
0
Slave mode; the LRCK and BCK clocks are inputs generated by an external digital audio source. (default)
1
Master mode; the LRCK and BCK clocks are outputs, derived from the Port A master clock source.
AOUTS[1:0]
Port A Output Data Source
These bits are used to select the output data source for Port A. The data is output at SDOUTA (pin 40).
AOUTS1
AOUTS0
Output Data Source
0
0
Port A input, for data loop back. (default)
0
1
Port B input
1
0
DIR
1
1
Reserved
AMUTE
Port A Output Mute
This bit is used to mute the Port A audio data output.
AMUTE
Output Mute
0
Disabled; SDOUTA is driven by the output data source. (default)
1
Enabled; SDOUTA is forced low.
Register 04: Port A Control Register 2
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
ACLK1
ACLK0
ADIV1
ADIV0
ADIV[1:0]
Port A Master Clock Divider
These bits are used to set the master clock divider for generating the LRCKA clock for Port A when configured for Master mode operation.
BCKA is always set to 64 times the LRCKA clock rate in Master mode.
ADIV1
ADIV0
Master Mode Clock Divider
0
0
Divide-by-128 (default)
0
1
Divide-by-256
1
0
Divide-by-384
1
1
Divide-by-512
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com