Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 4 Page - Texas Instruments

  DIX4192 Datasheet HTML 1Page - Texas Instruments DIX4192 Datasheet HTML 2Page - Texas Instruments DIX4192 Datasheet HTML 3Page - Texas Instruments DIX4192 Datasheet HTML 4Page - Texas Instruments DIX4192 Datasheet HTML 5Page - Texas Instruments DIX4192 Datasheet HTML 6Page - Texas Instruments DIX4192 Datasheet HTML 7Page - Texas Instruments DIX4192 Datasheet HTML 8Page - Texas Instruments DIX4192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: Audio Serial Ports
ELECTRICAL CHARACTERISTICS: SPI Interface
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
DIX4192
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AUDIO SERIAL PORTS (Port A and Port B)
LRCK clock frequency, fLRCK
0
216
kHz
LRCK clock duty cycle, tLRCKD
50
%
BCK clock frequency, fBCK
0
13.824
MHz
BCK high pulse width, tBCKH
10
ns
BCK low pulse width, tBCKL
10
ns
Audio data Input (SDIN) setup time, tAIS
10
ns
Audio data input (SDIN) hold time, tAISH
10
ns
Audio data output (SDOUT) delay, tADD
10
ns
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
DIX4192
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOST INTERFACE: SPI Mode
Serial clock (CCLK) frequency, fCCLK
0
40
MHz
CS falling to CCLK rising, tCSCR
8
ns
CCLK falling to CS rising, tCFCS
7
ns
CDIN data setup time, tCDS
7
ns
CDIN data hold time, tCDH
6
ns
CCLK falling to CDOUT data valid, tCFDO
3
ns
CS rising to CDOUT high-impedance, tCSZ
3
ns
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com