Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 8Page - Texas Instruments DIX4192 Datasheet HTML 9Page - Texas Instruments DIX4192 Datasheet HTML 10Page - Texas Instruments DIX4192 Datasheet HTML 11Page - Texas Instruments DIX4192 Datasheet HTML 12Page - Texas Instruments DIX4192 Datasheet HTML 13Page - Texas Instruments DIX4192 Datasheet HTML 14Page - Texas Instruments DIX4192 Datasheet HTML 15Page - Texas Instruments DIX4192 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
www.ti.com
RST
0
1
500ns (min)
500 s
m
(min)
Write orRead
via
S Ior
P
I C
2
MASTER AND REFERENCE CLOCKS
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
PRODUCT OVERVIEW (continued)
Figure 5. Reset Sequence Timing
The DIX4192 includes two clock inputs, MCLK (pin 25) and RXCKI (pin 13). The MCLK clock input is typically
used as the master clock source for the audio serial ports and/or the DIT. The MCLK may also be utilized as the
reference clock for the DIR. The RXCKI clock input is typically used for the DIR reference clock source, although
it may also be used as the master or reference clock source for the audio serial ports.
In addition to the MCLK and RXCKI clock sources, the DIR core recovers a master clock from the
AES3-encoded input data stream. This clock is suitable for use as a master or system clock source in many
applications. The recovered master clock output, RXCKO (pin 12), may be utilized as the master or reference
clock source for the audio serial ports and/or the DIT, as well as external audio devices.
The master clock frequency for the audio serial ports (Port A and Port B) depends on the Slave or Master mode
configuration of the port. In Slave mode, the ports do not require a master clock because the left/right word and
bit clocks are inputs, sourced from an external audio device serving as the serial bus timing master. In Master
mode, the serial ports derive the left/right word and bit clock outputs from the selected master clock source,
MCLK, RXCKI, or RXCKO. The left/right word clock rate is derived from the selected master clock source using
one of four clock divider settings (divide by 128, 256, 384, or 512). Refer to the Audio Serial Port Operation
section for additional details.
The DIT always requires a master clock source, which may be either the MCLK input, or the DIR recovered
clock output, RXCKO. Like the audio serial ports, the DIT output frame rate is derived from the selected master
clock using one of four clock divider settings (divide-by-128, -256, -384, or -512). Refer to the Digital Interface
Transmitter (DIT) Operation section for additional details.
The DIR reference clock may be any frequency that meets the PLL1 setup requirements, described in the
Control Registers section. Typically, a common audio system clock rate, such as 11.2896MHz, 12.288MHz,
22.5792MHz, or 24.576MHz, may be used for this clock.
It is recommended that the clock sources for MCLK and RXCKI input be generated by low-jitter crystal
oscillators for optimal performance. In general, phase-locked loop (PLL) clock synthesizers should be avoided,
unless they are designed and/or specified for low clock jitter.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com