Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 35Page - Texas Instruments DIX4192 Datasheet HTML 36Page - Texas Instruments DIX4192 Datasheet HTML 37Page - Texas Instruments DIX4192 Datasheet HTML 38Page - Texas Instruments DIX4192 Datasheet HTML 39Page - Texas Instruments DIX4192 Datasheet HTML 40Page - Texas Instruments DIX4192 Datasheet HTML 41Page - Texas Instruments DIX4192 Datasheet HTML 42Page - Texas Instruments DIX4192 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
www.ti.com
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
TXDIV[1:0]
Transmitter Master Clock Divider
These bits are used to select the Transmitter master clock divider, which determines the output frame rate.
TXDIV1
TXDIV0
Clock Divider
0
0
Divide the master clock by 128. (default)
0
1
Divide the master clock by 256.
1
0
Divide the master clock by 384.
1
1
Divide the master clock by 512.
TXCLK
Transmitter Master Clock Source
This bit is used to select the master clock source for the Transmitter block.
TXCLK
Transmitter Master Clock Source
0
MCLK input (default)
1
RXCKO; the recovered master clock from the DIR function block.
Register 08: Transmitter Control Register 2
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
BYPMUX1
BYPMUX0
AESMUX
LDMUX
TXBTD
AESOFF
TXMUTE
TXOFF
TXOFF
Transmitter Line Driver Output Enable
This bit is used to enable or disable the TX+ (pin 32) and TX– (pin 31) line driver outputs.
TXOFF
Transmitter Line Driver
0
Enabled; the line driver outputs function normally. (default)
1
Disabled; the line driver outputs are forced low.
TXMUTE
Transmitter Audio Data Mute
This bit is used to set the 24 bits of audio and auxiliary data to all zeros for both Channels 1 and 2.
TXMUTE
Transmitter Audio Data Mute
0
Disabled (default)
1
Enabled; the audio data for both channels 1 and 2 are set to all zeros.
AESOFF
AESOUT Output Enable
This bit is used to enable or disable the AESOUT (pin 34) buffered AES3-encoded CMOS logic level output.
AESOFF
AESOUT Output
0
Enabled; the AESOUT pin functions normally. (default)
1
Disabled; the AESOUT pin is forced low.
TXBTD
Transmitter C and U Data Buffer Transfer Disable
This bit is used to enable and disable buffer transfers between the DIT User Access (UA) and DIT Transmitter Access (TA) buffers for
both channel status (C) and user (U) data.
Buffer transfers may be disabled, allowing the user to write new C and U data to the UA buffers via the SPI or I2C serial host interface.
Once updated, UA-to-TA buffer transfers may then be re-enabled, allowing the TA buffer to be updated and the new C and U data to be
transmitted at the start of the next block.
TXBTD
User Access (UA) to Transmitter Access (TA) Buffer Transfers
0
Enabled (default)
1
Disabled; allows the user to update DIT C and U data buffers.
Note: The TXCUS0 and TXCUS1 bits in control register 0x09 must be set to a non-zero value in order for DIT UA buffer updates to occur.
LDMUX
Transmitter Line Driver Input Source Selection
This bit is used to select the input source for the DIT differential line driver outputs.
LDMUX
Line Driver Input Source
0
DIT AES3 encoder output (default)
1
Bypass multiplexer output
AESMUX
AESOUT CMOS Buffer Input Source Selection
This bit is used to select the input source for the AESOUT CMOS logic level output.
AESMUX
AESOUT Buffer Input Source
0
DIT AES3 encoder output (default)
1
Bypass multiplexer output
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com