| Electronic Components Datasheet Search |
|
ADS1278IPAPR Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS1278IPAPR Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 51 page ![]() MODE[1:0] Pins ADS1274/78 Mode NewMode NewMode ValidDataReady DRDY SPI Protocol Frame-Sync Protocol t NDR-SPI DOUT NewMode ValidDataonDOUT t NDR-FS Previous Mode ADS1274 ADS1278 www.ti.com SBAS367F – JUNE 2007 – REVISED FEBRUARY 2011 Figure 72. Mode Change Timing Table 10. New Data After Mode Change SYMBOL DESCRIPTION MIN TYP MAX UNITS tNDR-SPI Time for new data to be ready (SPI) 129 Conversions (1/fDATA) tNDR-FS Time for new data to be ready (Frame-Sync)(1) 127 128 Conversions (1/fDATA) (1) If mode change is asynchronous to the FSYNC clock, tNDR-FS varies from 127 to 128 conversions. If the mode change is made synchronous to FSYNC, tNDR-FS is stable. SYNCHRONIZATION (SYNC) See Figure 74 for the Frame-Sync format timing requirement. The ADS1274/78 can be synchronized by pulsing the SYNC pin low and then returning the pin high. When After synchronization, indication of valid data the pin goes low, the conversion process stops, and depends on whether SPI or Frame-Sync format was the internal counters used by the digital filter are used. reset. When the SYNC pin returns high, the conversion process restarts. Synchronization allows In the SPI format, DRDY goes high as soon as SYNC the conversion to be aligned with an external event, is taken low; see Figure 73. After SYNC is returned such as the changing of an external multiplexer on high, DRDY stays high while the digital filter is the analog inputs, or by a reference timing pulse. settling. Once valid data are ready for retrieval, DRDY goes low. Because the ADS1274/78 converters operate in parallel from the same master clock and use the In the Frame-Sync format, DOUT goes low as soon same SYNC input control, they are always in as SYNC is taken low; see Figure 74. After SYNC is synchronization with each other. The aperture match returned high, DOUT stays low while the digital filter among internal channels is typically less than 500ps. is settling. Once valid data are ready for retrieval, However, the synchronization of multiple devices is DOUT begins to output valid data. For proper somewhat different. At device power-on, variations in synchronization, FSYNC, SCLK, and CLK must be internal reset thresholds from device to device may established before taking SYNC high, and must then result in uncertainty in conversion timing. remain running. If the clock inputs (CLK, FSYNC or SCLK) are subsequently interrupted or reset, The SYNC pin can be used to synchronize multiple re-assert the SYNC pin. devices to within the same CLK cycle. Figure 73 illustrates the timing requirement of SYNC and CLK For consistent performance, re-assert SYNC after in SPI format. device power-on when data first appear. © 2007–2011, Texas Instruments Incorporated Submit Documentation Feedback 27 Product Folder Link(s): ADS1274 ADS1278 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |