Electronic Components Datasheet Search
  English  ▼

X  

GR712RC Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # GR712RC
Description  Dual-Core LEON3-FT SPARC V8 Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

GR712RC Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button GR712RC Datasheet HTML 14Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 15Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 16Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 17Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 18Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 19Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 20Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 21Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AEROFLEX GAISLER
18
GR712RC-DS
Copyright Aeroflex Gaisler AB
February 2013, Issue 2.0
2
Electrical characteristics
2.1
Absolute maximum ratings
These values specify the stress that might apply to the device without causing it permanent damage.
2.2
Recommended operating conditions
Table 7. Absolute maximum ratings 1)
Symbol
Parameter
Rating
Units
Min.
Max.
VDDIO
DC Supply Voltage for I/O
-0.3
4.2
V
VDD
DC Supply Voltage for Core
-0.3
2.4
V
VIN
Input Voltage
-0.3
VDDIO + 0.3
V
Tstor
Storage Temperature
-65
+150
˚C
Tcase
Operating Case Temperature
-55
+125
˚C
Tsolder
Lead Temperature (Soldering 10 sec.)
+250
˚C
Tj
Junction Temperature
+150
˚C
Θ
JC (ceramic)
Thermal Resistance, Junction to Case
4
˚C/W
PD
Power Dissipation
6.25
W
Note 1:
Extended operation at the maximum levels may degrade the performance and affect the reliability of the
device.
Table 8. Recommended operating conditions
Symbol
Parameter
Rating
Units
Min.
Typ.
Max.
VDDIO
DC Supply Voltage for I/O
3.0
3.3
3.6
V
VDD
DC Supply Voltage for Core
1.65
1.8
1.95
V
VIN
Input Voltage
0
VDDIO
V
Tcase
Operating Case Temperature
-55
+125
˚C
SLIN
Slew rate of all inputs 1)
0.4
V/ns
Note 1:
Applies only to the range 0.8 V and 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com