Electronic Components Datasheet Search
  English  ▼

X  

GR712RC Datasheet(PDF) 19 Page - Aeroflex Circuit Technology

Part # GR712RC
Description  Dual-Core LEON3-FT SPARC V8 Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

GR712RC Datasheet(HTML) 19 Page - Aeroflex Circuit Technology

Back Button GR712RC Datasheet HTML 15Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 16Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 17Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 18Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 19Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 20Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 21Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 22Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 23Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AEROFLEX GAISLER
19
GR712RC-DS
Copyright Aeroflex Gaisler AB
February 2013, Issue 2.0
2.3
DC electrical performance characteristics
Table 9. DC characteristics (VDD = 1.8 V +/- 0.15 V, VDDIO = 3.3 V +/- 0.3 V, Tcase = -55˚C to +125˚C)
Symbol
Parameter
Condition
Rating
Units
Min.
Typ.
Max.
VOH
Output High Voltage 1)
IOH = -4 mA
2)
IOH = -6 mA
3)
2.4
V
VOL
Output Low Voltage
IOL = 4 mA
2)
IOL = 6 mA
3)
0.5
V
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
IILEAK
Input Leakage Current
-10
10
uA
IOLEAK
Output Leakage Current
outputs at
tri-state
-10
10
uA
IOS
Short-circuit Output Current
VO = VDDIO,
VDDIO = 3.6 V
VO = 0 V,
VDDIO = 3.6 V
-120 5)
120 5)
mA
IDDS
Core Static Current
FCLK = 0 MHz
1
10
mA
IDD
Core Supply Current
FCLK = 100 MHz
0.9
2.0 5)
A
IDDIOS
I/O Static Current 4)
FCLK = 0 MHz
VDDIO = 3.6 V
0.2
2
mA
IDDIO
I/O Supply Current 6)
mA
CI/O
I/O Pad Capacitance 5)
15
pF
Note 1:
Except open-drain outputs ERRORN, WDOGN, I2CSCL and I2CSDA.
Note 2:
All outputs defined with a maximum load of 50 pF.
Note 3:
All outputs defined with a maximum load of 100 pF.
Note 4:
All inputs at 0 V or VDDIO. No resistive load.
Note 5:
Supplied as a design limit. Parameter not measured during production test.
Note 6:
The dynamic power consumption of the I/O supply can be calculated as a function of the average frequency and
the capacitive load of each output i: sum of [FI/O * CLOAD](i) * (VDDIO)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com