Electronic Components Datasheet Search
  English  ▼

X  

GR712RC Datasheet(PDF) 25 Page - Aeroflex Circuit Technology

Part # GR712RC
Description  Dual-Core LEON3-FT SPARC V8 Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

GR712RC Datasheet(HTML) 25 Page - Aeroflex Circuit Technology

Back Button GR712RC Datasheet HTML 21Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 22Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 23Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 24Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 25Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 26Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 27Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 28Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 29Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
AEROFLEX GAISLER
25
GR712RC-DS
Copyright Aeroflex Gaisler AB
February 2013, Issue 2.0
Table 14. Timing parameters (VDD = 1.8 V +/- 0.15 V, VDDIO = 3.3 V +/- 0.3 V, Tcase = -55˚C to +125˚C)
Name
Parameter
Reference edge 2)
Min
Max
Unit
tFTMCTRL0
address clock to output delay 3)
rising SDCLK edge
0 1)
7.5
ns
tFTMCTRL1
clock to RAMSN[1:0] and
ROMSN[1:0]output delay 3)
rising SDCLK edge
0 1)
7.5
ns
tFTMCTRL1
clock to IOSN output delay 3)
rising SDCLK edge
0 1)
8.5
ns
tFTMCTRL2
clock to output delay
rising SDCLK edge
0 1)
8.5
ns
tFTMCTRL3
clock to data output delay
rising SDCLK edge
0 1)
6.5
ns
tFTMCTRL4
clock to data non-tri-state delay
rising SDCLK edge
0 1)
6.5
ns
tFTMCTRL5
clock to data tri-state delay 4)
rising SDCLK edge
0 1)
6.5 1)
ns
tFTMCTRL6
clock to output delay
rising SDCLK edge
0 1)
8.5
ns
tFTMCTRL7
data input to clock setup
rising SDCLK edge
6.9
-
ns
tFTMCTRL8
data input from clock hold
rising SDCLK edge
-0.5 1)
-
ns
tFTMCTRL9
input to clock setup
rising SDCLK edge
6.9
-
ns
tFTMCTRL10
input from clock hold
rising SDCLK edge
-0.5 1)
-
ns
Note 1:
Parameter not measured during production test.
Note 2:
The specified timing is valid for the default programmable internal clock delay of value 0.
Note 3:
The ADDRESS[23:0] and RAMSN[1:0] signals change in the same clock cycle, which might not be
compatible with all SRAM types. Check your SRAM documentation for compatibility.
Note 4:
GR712RC does not provide internal pull-up resistors on the DATA[31:0] and CB[15:0] buses. In the
case of prolonged periods of idle bus activity in a board design, i.e. high impedance state, it is
advised to add external pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com