Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 11
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
3.1.2 DC-DC Booster
The TGP output voltage is up-converted to a maximum
voltage of 5.5 V. The harvested energy is buffered in
capacitor C3 . A configurable hysteresis control ensures
that the buffer is charged before the output voltage is
activated and switches off the output voltage when the
buffer has not enough energy to operate. The output
voltage is controlled by a configurable comparator.
3.1.3 Storage Charge Hysteresis Configuration
The comparator (IC2, MICREL MIC833) turns the output
ON, once the voltage of capacitor C3 reaches Uhigh ; set
by the resistors R4 , R5 and R6 according the equations
below. The output is turned OFF when the voltage of C3
is below Ulow ; so the entire harvested energy is used to
recharge the storage capacitor C3.
(Eq. 1)
(Eq. 2)
3.1.4 Output Voltage Configuration
The comparator (IC3,, TI TPS780 Series) controls the
configurable constant output voltage of the Energy
Harvesting module (2.4 V by default) as long as the
voltage from IC2 is ON. The voltage level is set by the
resistors R2 and R3 according Equation 3.
(Eq. 3)
)
3
2
1
(
R
R
U
U
FB
out
Volt
U FB
216
.
1
)
6
5
6
5
4
(
R
R
R
R
R
U
U
ref
low
)
6
6
5
4
(
R
R
R
R
U
U
ref
high
Volt
U ref
24
.
1
Power Management Circuitry
Above screenshot shows the voltage regulator IC2
TPS78001, the hysteresis comparator MIC833 and the
related resistors R2 - R6.
To change the TE-CORE output voltage and/or hystere-
sis, please refer the table below. Use equations
1, 2 and 3 to calculate different settings.
3.1.5 Thermogenerator Direct Access
De-solder contacts of J3 to disconnect thermogenerator
and power management. With open J3, both open cir-
cuit voltage (Uoc) and short circuit current (Isc) of the
TEG can be measured at the circuit control points P3
and P2. The measured values at any specific operating
point allow for calculation of the maximum available
output power Pmax according Equation 4.
(Eq. 4)
Voltage regulator
Comparator hysteresis
Uout
[V]
R3
[MΩ]
R2
[MΩ]
R4
[kΩ]
R5
[kΩ]
R6
[kΩ]
Ulow
[V]
Uhigh
[V]
1.8
2
0.953
470
200
680
1.9
2.46
2.0
2
1.3
550
150
680
2.1
2.5
2.4
2
2
1100
200
860
2.5
3.1
2.7
1.5
1.8
1000
150
680
2.73
3.3
3.0
1
1.5
1500
150
845
3.1
3.66
3.3
1
1.8
2500
249
1200
3.37
4.1
4.5
1
2.7
2000
75
680
4.52
5
4
max
Isc
Uoc
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com