Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 17Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 18Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 19Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 20Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 21Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 18
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
Solder pads J1 and J2
connection for heat flux
direction (standard de-
livered)
Solder pads J1 and J2
connection for reversed
heat flux direction
4.3 Connection to hot source
The best method to connect the TE-CORE /RF to a hot
source is:

Magnetic surface - in this case simply use the mag-
net on the reverse side from TE-CORE /RF

None magnetic surface - use the enclosed self-
adhesive magnetic disks to connect to the hot sur-
face. Just remove the protector foil from the self-
adhesive magnetic disks and connect to the warm
surface.

With bolts a firm connection is achieved between
the thermal input and the hot source. Attach bolts
though the isolated rings of the Energy Harvesting
module.
Thermal compound (paste) must be used between
the hot source and thermal input of the TGP
4
Thermal and Mechanical information
Use thermal compound (paste) between the hot
source and thermal input of the TGP, in order to
achieve a good thermal performance !
4.1 Heat sink and Convection
Both positioning and orientation of the TE-CORE /RF
are of major importance for the harvesting yield. The
orientation of the heatsink and its fins relative to the
heat source and the direction of natural or forced con-
vection deserve special attention.
Please avoid placing the TE-CORE /RF in horizontal ori-
entation on top of a heat source. This will minimize the
effective temperature differential. Prefer a mounting
position on the side or underside of a heat source.
A forced air flow along the heat sink fins, e.g. from a
motor fan or ventilator, usually maximizes power re-
Heat sink orientation matters!
Due to the uni-polar design of the TE-CORE /RF, a
manual polarity option is provided. Solder pads are
available on the bottom side of the PCB (J1 and J2), by
which the polarity can be determined.
4.2 Polarity and heat flux direction
Along with a change of the heat flux direction, the po-
larity of the TGP’s output voltage inverts.
Standard setting of TE-CORE /RF : the thermal input is
the hot side and the heat sink is the cold side or room
temperature.
Standard heat flux
Reverse heat flux
thermal paste
heat sink
heat source
thermal radiation
Magnet




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com