Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 17Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 18Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 19Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 16
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
X4 - I2C digital interface
X4 PIN NO
X4 PIN NAME
IMST iM222A
NAME
TI CC2530
NAME
Description
PIN TYPE
1
GND
GND
GND
Ground connection
Supply
2
SCL
GPIO3
P1_0
GPIO3 - configurable by software
IN / OUT
3
SDA
RESERVED
P1_1
Configurable by software
IN / OUT
4
Vcc
Vcc
Vcc
Supply voltage (typical 2.4 Volt)
Supply
X5 PIN NO
X5 PIN NAME
iIMST iM222A
NAME
TI CC2530
NAME
Description
PIN TYPE
1
GND
GND
GND
Ground connection
Supply
2
MISO
MISO
P1_7
SPI MISO - Master Input Save Output
OUT
3
MOSI
MOSI
P1_6
SPI MOSI - Master Output Slave Input
IN
4
CLK
CLK
P1_5
SPI CLK - Serial Clock
IN
5
/SS
/SS
P1_4
SPI SS - Slave Select (low activ)
IN
6
Vcc
Vcc
Vcc
Supply voltage (typical 2.4 Volt)
Supply
X5 - SPI digital interface
X6 PIN NO
X6 PIN NAME
iIMST iM222A
NAME
TI CC2530
NAME
Description
PIN TYPE
1
P0_2
RXD
P0_2
RXD (UART receive pin)
IN
2
P0_3
TXD/MRDY
P0_3
TXD (UART transmit pin) / SPI MRDY
OUT/IN
3
P1_2
CFGO
P1_2
CFGO0
IN
4
P0_4
CTS/SRDY
P0_4
CTS (UART CTS pin) / SPI SRDY
IN/OUT
5
P1_3
BTL
P1_3
Low active bootloader
IN
6
P2_0
CFG1
P2_0
CFG1, GND for UART, VDD for SPI
IN
X6 - Free IO Ports
X3PIN NO
X3 PIN NAME
IMST iM222A
NAME
TI CC2530
NAME
Description
PIN TYPE
1
GND
GND
GND
Ground connection
Supply
2
Vcc
Vcc
Vcc
Supply voltage (typical 2.4 Volt) Target
Supply
3
DC
DC
P2_2
Clock line for debugging and programming
IN
4
DD
DD
P2_1
Data line for debugging and programming
IN/OUT
7
RESET
/RESET
/RESET
Low active RESET input pin
9
Vcc
Vcc
Vcc
Supply voltage (typical 2.4 Volt) Debugger
Supply
5, 6, 8, 9, 10
not wired
X3 - µC programming JTAG connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com