Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 17Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 14
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
3.2 Wireless Sensor module
The TE-Power CORE /RF Wireless Sensor module runs
exclusively on the power supplied by the TGP thermo-
generator. It’s purpose is to collect data from the tem-
perature sensor, TGP output voltage and storage ca-
pacitor voltage and transmit those in an energy effi-
cient manner wireless to the associated RF USB receiv-
er.
A pre-qualified ETSI EN 300 440-2 V1.4.1. ,iM222A
Zigbee Network Processor of IMST, operating in 2.4
GHz ISM band is used, based on TI‘s CC2530 SoC.
3.2.1 Radio Transceiver & Protocol
The RF transceiver operates in ISM channel 11 =
2.462 GHz, RF power: +4.5dBm, data rate: 250 kBaud.
The total active cycle includes one temperature and
two voltage measurements, protocol preparation (14
bytes) and uni-directional point-to-point RF transmis-
sion; all done within 3.6 msec. The net “on-air” time is
less than 1 msec and the duty cycle is 2 seconds.
The Byte assignment (value) is:
CORE Adress:
Byte 1 and 2=Transmitter address (1… 65636);
TGP cold side temperature:
Byte 3 =Tcold low byte; Byte 4 =Tcold high byte;
Voltage at storage capacitor:
Byte 5 =Ucap low byte; Byte 6 =Ucap high byte;
TGP open circuit voltage:
Byte 7 =UTGP_OCV low byte; Byte 8=UTGP_OCV high byte;
DC-DC Booster input voltage:
Byte 9 =UTGP low byte; Byte 10=UTGP high byte;
Sum Byte 1 + Byte 2 + … + Byte 10:
Byte 11 Checksum low byte; Byte 12 Checksum high
byte;
Data terminator / end character:
Byte 13 -CR; Byte 14 - LF;
3.2.2 Signal processing & Radio
The following figure presents the signal processing
and measurement time and energy consumption for
one operation cycle.
The operation cycle contains three actions:
Point A:
Microcontroller wakes-up, from sleep mode, after
which the measurement of the temperature sensor
TMP102 is started and the storage capacitor voltage
is being measured. Also the TGP OCV (open circuit
voltage) measurement circuit is activated.
Point B:
Open circuit voltage of the TGP is being measured
and the related measurement circuit deactivated.
Point C:
The temperature is being measured by TMP102.
Radio is activated and data is broadcasted.
The total operating time of the system is 3.6 msec.
With a duty cycle of 2 seconds, the energy consump-
tion is:
Iaverage= IA×tA + IB×tB + IC×tC =
= (10mA×1ms + 6mA×0.85ms + (36.8mA×1ms +
+ 25mA×0.75ms)) / 2sec
Iaverage = 35.3 µAsec
Paverage = IaverageUsupply
Paverage = 35.3 µA sec 2.45 V = 86.5 µWsec
Timing and Current consumption for one operation cycle
A
B
C
Data sampling TMP102
IO is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com