Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 21Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 22Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 23Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 24Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 25Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 26Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 27Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 28Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 25
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
5.4.5 Change the temperature unit
The temperature unit is config-
ured by default in Celsius degree
[°C] and can be changed to Fahrenheit degree by using
the to button “°C /°F”.
5.4.6 Use of multiple TE-CORE /RF systems
More complex monitoring of a thermal profile will
likely yield faster when multiple sensors are in just
one setup. To support such scenario the TE-Power
SCOPE offers the MULTI-CORE functionality.
Individual device addresses for each TE-Power CORE /
RF allow to connect and identify up to five units to one
TE-Power SCOPE application. Once an additional TE-
CORE /RF signal is being received, a new tab with the
corresponding address (“CORE nnn”) appears at the
top of the histogram. To select a specific TE-CORE /RF,
just click its tab. Click the “Rename” button to assign
an individual and more informative name to the cur-
rent TE-CORE /RF sensor.
If no data is received for more than 10 seconds, the
corresponding tab turns grey and the image of the TE-
CORE /RF below the diagram disappears. This allows
fast identification of active TE-CORE /RF’s.
5.4.7 Recording and Saving Data
Histogram data may be saved for later analysis by
either checking the „Save in Realtime“ option or
by clicking „Save diagram“. Selecting either option will
bring up the “Save As” dialog box, asking for name and
target location of the file. Files are saved in the CSV
data format, compatible with any text editor or spread-
sheet software such as MS Excel. As indicated by the
button’s position inside the blue diagram area “Save
diagram” saves just the data of the selected TE-CORE /
RF. If recording is to be continued, it is necessary to
save again in order to keep the new data .
6
7
8
5.4.8 Save in Realtime
“Save in real-time” establishes long term record-
ing. The function continuously logs the data of
ALL active TE-CORE /RF’s to a specified file - eventual-
ly, if not stopped, until the target storage medium runs
out of space.
The check mark remains visible to indicate that real
time saving is in progress. The horizontal time axis of
the histogram will always indicate the duration of the
recording.
When to use “Save in realtime”:
To ensure all data of ALL active TE-COREs are kept safe
and in one single file. It will be easy to separate them
in any spreadsheet program. Any long term harvesting
study or observation of random events, e.g. changing
environmental conditions, calls for long term record-
ing. Prevent data loss from unexpected system shut-
down, e.g. power-loss of the PC. Recorded data is safe
in such an event.
Perform data recording that continues past midnight,
i.e. 00:00 system time: At 00:00 system time, all system
memory (RAM) data is deleted and the diagram is
cleared.
This does not apply to “Save in realtime” hard disk re-
cordings. Data is safely kept in a log file and logging
continues past midnight without interruption.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com