Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 20Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 21Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 22Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 23Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 24Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 25Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 26Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 27Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 24
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
5.4.2 Realtime Thermal Data
Momentary values from each transmission cycle
(1 update per two second) are displayed numeri-
cally in the “Realtime Values“ section. The numbers
include TGP cold side temperature “Tcold”; TGP hot
side temperature “Thot”, temperature difference at
TGP “T” and the heat source temperature “Theat source”.
TGP hot side is calculated from the known average
Seebeck voltage of the TGP and the measured OCV
voltage.
Uocv - measured TGP open circuit voltage, and 110
mV/K - Seebeck Voltage at TGP-751 for 1 K tempera-
ture difference.
The heat source temperature is calculated by adding a
correction factor to Thot and results in an accuracy of
+/- 2 ºC.
5.4.3 Realtime Electrical Performance Data
Electrical performance values are displayed at the
right corner at “Electrical TGP”. Voltage (OCV)
[Volt] represents the open circuit voltage from the TGP
at actual thermal conditions.
The values of the electrical matched power [mW] is a
calculated based on a matched load, i.e. it is assumed,
that the TGP is connected to a load resistance of a
magnitude similar to its internal resistance.
Power Ratio [%] is the relation between the actual
measured matched output power of the TGP and the
average power consumption of the TE-CORE /RF sys-
tem and is calculated as following:
Battery AA cell with 1.5 Volt operating voltage. This
value can be calculated by following equations:
3
K
mV
Uocv
Tcold
Thot
/
110
4
%
100
.
_
Paverage
eff
DCbooster
Pmatched
Ratio
day
h
Volt
eff
DCbooster
Pmatched
C
V
365
24
5
.
1
.
_
)
5
.
1
(
The default DC booster efficiency is set to 100 % and
can be change, according the instruction in §5.5.
Battery-equivalent represents the calculated amount of
1.5 Volt AA batteries .
This value can be calculated by following equations:
5.4.4 Incoming Data status
The Radio Signal Strength RSS in [%] presents the
quality of the receiving radio signal. Within the
radio protocol two bytes are allocated for a check sum
correction. At successful radio reception, the check
sum indicator will turn green with the status infor-
mation “OK”.
If the transmitting data is corrupt or not complete, the
indicator will turn red with the message “data error”.
Under the condition that no radio signal is detected,
there is no checksum indicator and the message field
mentions “no data”.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com