Electronic Components Datasheet Search
  English  ▼

X  

TGP-751 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 23Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 24Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 25Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 26Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 27Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 28Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 29Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 30Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 27
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
5.6 Energy Storage Simulation
The “Capacity” of the rechargeable (battery or capaci-
tor) must be entered in mAh as indicated by the re-
spective field caption. A capacitor’s energy content
needs to be converted using the formula:
Some useful unit conversions:
CB[mAh] = (U[V] * CC[F]) / 3.6 with
U: Voltage of the considered storage unit at full
charge,
CC : Capacity of a capacitor in Farad
CB: Capacity of the same capacitor in mAh
Note: This formula does not reflect that a capacitor’s
energy can be used only between its maximum charge
level and the minimum operating voltage of the pow-
ered system. The mAh capacity given on rechargeables
usually include this restriction.
“Energy Storage” Simulation
Ensure the “Voltage” field is set to the voltage of the
considered storage unit at full charge.
The “Efficiency” field indicates the remaining percent-
age of energy from the TGP after subtracting all as-
sumed or known losses of the Energy Harvesting mod-
ule or other used power conditioning The default value
of 70% is at the lower end of the performance. If the
attached energy storage features significant charging
losses it is recommendable to include these losses by
reducing the “Efficiency” value accordingly.
Whatever “Efficiency” has been set by the user, it will
be multiplied with the gross harvesting power shown
in the TE-Power SCOPE main window. The result is
shown as “Generated TGP Power”, again assuming
that the attached load resistance is matched to that of
the power conditioning circuit. For the Energy Harvest-
ing module, load matching occurs between 7 and 10
kOhms.
The charge level of the energy storage is visual-
ized dynamically by the “Stored Energy” battery
symbol. The smaller the “Capacity” the faster the
indicated charge progress at any given harvesting in-
put.
The length of the colored bar indicates the percentage
of charge based on the set capacity. The absolute val-
ue of energy stored is displayed to the left of the bat-
tery symbol. Once the stored ener-
gy reaches the value set under
“Capacity”, e.g. 0.001 mAh, the indicator bar will hit the
top end of the scale. Doubling the “Capacity” value will
bring it back to 50% in the middle.
A green bar indicates charging in progress, red
means discharging - due to a negative “Power
balance” which occurs whenever the virtuall at-
tached load draws more energy than is currently up-
plied by the generator.
Note: Entering realistic “Capacity”
values, e.g. for a thin film battery, will cause the battery
charge indication to slow or virtually stop as it always
scales to the set “Capacity”.
“Harvesting Time” indicates the accumulated active
time of the TE-CORE /RF. If it does not transmit it does
not charge either.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com