Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 177 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 173Page - ATMEL Corporation AT90USB646 Datasheet HTML 174Page - ATMEL Corporation AT90USB646 Datasheet HTML 175Page - ATMEL Corporation AT90USB646 Datasheet HTML 176Page - ATMEL Corporation AT90USB646 Datasheet HTML 177Page - ATMEL Corporation AT90USB646 Datasheet HTML 178Page - ATMEL Corporation AT90USB646 Datasheet HTML 179Page - ATMEL Corporation AT90USB646 Datasheet HTML 180Page - ATMEL Corporation AT90USB646 Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 456 page
background image
177
7593L–AVR–09/12
AT90USB64/128
19. USART
The Universal Synchronous and Asynchronous serial Receiver and Transmitter (USART) is a
highly flexible serial communication device. The main features are:
• Full duplex operation (independent serial receive and transmit registers)
• Asynchronous or synchronous operation
• Master or slave clocked synchronous operation
• High resolution baud rate generator
• Supports serial frames with 5, 6, 7, 8, or 9 data bits and 1 or 2 stop bits
• Odd or even parity generation and parity check supported by hardware
• Data overrun detection
• Framing error detection
• Noise filtering includes false start bit detection and digital low pass filter
• Three separate interrupts on TX complete, TX data register empty and RX complete
• Multi-processor communication mode
• Double speed asynchronous communication mode
19.1
Overview
A simplified block diagram of the USART Transmitter is shown in Figure 19-1. CPU accessible
I/O registers and I/O pins are shown in bold.
Figure 19-1. USART block diagram
(1).
Note:
1. See Figure 1-1 on page 3, Table 11-12 on page 83 and for USART pin placement.
PARITY
GENERATOR
UBRR[H:L]
UDR (Transmit)
UCSRA
UCSRB
UCSRC
BAUD RATE GENERATOR
TRANSMIT SHIFT REGISTER
RECEIVE SHIFT REGISTER
RxD
TxD
PIN
CONTROL
UDR (Receive)
PIN
CONTROL
XCK
DATA
RECOVERY
CLOCK
RECOVERY
PIN
CONTROL
TX
CONTROL
RX
CONTROL
PARITY
CHECKER
OSC
SYNC LOGIC
Clock generator
Transmitter
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com