Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 179 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 175Page - ATMEL Corporation AT90USB646 Datasheet HTML 176Page - ATMEL Corporation AT90USB646 Datasheet HTML 177Page - ATMEL Corporation AT90USB646 Datasheet HTML 178Page - ATMEL Corporation AT90USB646 Datasheet HTML 179Page - ATMEL Corporation AT90USB646 Datasheet HTML 180Page - ATMEL Corporation AT90USB646 Datasheet HTML 181Page - ATMEL Corporation AT90USB646 Datasheet HTML 182Page - ATMEL Corporation AT90USB646 Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 456 page
background image
179
7593L–AVR–09/12
AT90USB64/128
19.2.1
Internal Clock Generation – The Baud Rate generator
Internal clock generation is used for the asynchronous and the synchronous master modes of
operation. The description in this section refers to Figure 19-2 on page 178.
The USART Baud Rate Register (UBRRn) and the down-counter connected to it function as a
programmable prescaler or baud rate generator. The down-counter, running at system clock
(f
osc), is loaded with the UBRRn value each time the counter has counted down to zero or when
the UBRRLn Register is written. A clock is generated each time the counter reaches zero. This
clock is the baud rate generator clock output (= f
osc/(UBRRn+1)). The Transmitter divides the
baud rate generator clock output by 2, 8, or 16 depending on mode. The baud rate generator
output is used directly by the Receiver’s clock and data recovery units. However, the recovery
units use a state machine that uses 2, 8, or 16 states depending on mode set by the state of the
UMSELn, U2Xn and DDR_XCKn bits.
Table 19-1 contains equations for calculating the baud rate (in bits per second) and for calculat-
ing the UBRRn value for each mode of operation using an internally generated clock source.
Note:
1. The baud rate is defined to be the transfer rate in bit per second (bps).
BAUD
Baud rate (in bits per second, bps)
f
OSC
System Oscillator clock frequency
UBRRn
Contents of the UBRRHn and UBRRLn registers, (0-4095)
Some examples of UBRRn values for some system clock frequencies are found in Table 19-9 on
page 198.
19.2.2
Double speed operation (U2Xn)
The transfer rate can be doubled by setting the U2Xn bit in UCSRnA. Setting this bit only has
effect for the asynchronous operation. Set this bit to zero when using synchronous operation.
Setting this bit will reduce the divisor of the baud rate divider from 16 to 8, effectively doubling
the transfer rate for asynchronous communication. Note however that the Receiver will in this
case only use half the number of samples (reduced from 16 to 8) for data sampling and clock
recovery, and therefore a more accurate baud rate setting and system clock are required when
this mode is used. For the transmitter, there are no downsides.
Table 19-1.
Equations for calculating baud rate register setting.
Operating mode
Equation for calculating
baud rate (1)
Equation for calculating UBRR
value
Asynchronous Normal
mode (U2Xn = 0)
Asynchronous Double
Speed mode (U2Xn = 1)
Synchronous Master
mode
BAUD
fOSC
16
UBRRn 1
+
()
------------------------------------------
=
UBRRn
fOSC
16
BAUD
------------------------
1
–
=
BAUD
fOSC
8
UBRRn 1
+
()
---------------------------------------
=
UBRRn
fOSC
8
BAUD
--------------------
1
–
=
BAUD
fOSC
2
UBRRn 1
+
()
---------------------------------------
=
UBRRn
fOSC
2
BAUD
--------------------
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com