Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 216 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 216 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 212Page - ATMEL Corporation AT90USB646 Datasheet HTML 213Page - ATMEL Corporation AT90USB646 Datasheet HTML 214Page - ATMEL Corporation AT90USB646 Datasheet HTML 215Page - ATMEL Corporation AT90USB646 Datasheet HTML 216Page - ATMEL Corporation AT90USB646 Datasheet HTML 217Page - ATMEL Corporation AT90USB646 Datasheet HTML 218Page - ATMEL Corporation AT90USB646 Datasheet HTML 219Page - ATMEL Corporation AT90USB646 Datasheet HTML 220Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 456 page
background image
216
7593L–AVR–09/12
AT90USB64/128
bits. If several masters are trying to address the same Slave, arbitration will continue into the
data packet.
Figure 21-8. Arbitration between two masters.
Note that arbitration is not allowed between:
• A REPEATED START condition and a data bit
• A STOP condition and a data bit
• A REPEATED START and a STOP condition
It is the user software’s responsibility to ensure that these illegal arbitration conditions never
occur. This implies that in multi-master systems, all data transfers must use the same composi-
tion of SLA+R/W and data packets. In other words: All transmissions must contain the same
number of data packets, otherwise the result of the arbitration is undefined.
21.5
Overview of the TWI module
The TWI module is comprised of several submodules, as shown in Figure 21-9 on page 217. All
registers drawn in a thick line are accessible through the AVR data bus.
SDA from
Master A
SDA from
Master B
SDA line
Synchronized
SCL line
START
Master A loses
arbitration, SDA
A
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com