Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 24Page - Microchip Technology MCP19110 Datasheet HTML 25Page - Microchip Technology MCP19110 Datasheet HTML 26Page - Microchip Technology MCP19110 Datasheet HTML 27Page - Microchip Technology MCP19110 Datasheet HTML 28Page - Microchip Technology MCP19110 Datasheet HTML 29Page - Microchip Technology MCP19110 Datasheet HTML 30Page - Microchip Technology MCP19110 Datasheet HTML 31Page - Microchip Technology MCP19110 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 226 page
background image
MCP19110/11
DS20002331B-page 28
 2013 Microchip Technology Inc.
GPIO Input High Voltage
VIH
2.0
—
VDD
V
I/O Port with TTL buffer,
VDD =5V, TA =+90°C
0.8VDD
—VDD
V
I/O Port with Schmitt Trigger
buffer, VDD =5V, TA = +90°C
0.8VDD
—VDD
VMCLR, TA = +90°C
Thermal Shutdown
Thermal Shutdown
TSHD
—160
—
°C
Thermal Shutdown
Hysteresis
TSHD_HYS
—20
—
°C
4.3
Thermal Specifications
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
C
Operating Temperature Range
TA
-40
—
+125
C
Maximum Junction Temperature
TJ
——
+150
C
Storage Temperature Range
TA
-65
—
+150
C
Thermal Package Resistances
Thermal Resistance, 24L-QFN 4x4
JA
—42
—
C/W
Thermal Resistance, 28L-QFN 5x5
JA
—35.3
—
C/W
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN = 12V, VREF = 1.2V, FSW =300 kHz, TA =+25°C.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
Ensured by design. Not production tested.
2:
VDD-OUT is the voltage present at the VDD pin. VDD is the internally generated bias voltage.
3:
This is the total source current for all GPIO pins combined. Individually, each pin can source a maximum of
25 mA.
4:
PE1 = 0x00h, ABECON = 0x00h, ATSTCON = 0x80h, WPUGPA = 0x00h, WPUGPB = 0x00h, and
SLEEP command issued to PIC core, see SECTION 16.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com