Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 56Page - Microchip Technology MCP19110 Datasheet HTML 57Page - Microchip Technology MCP19110 Datasheet HTML 58Page - Microchip Technology MCP19110 Datasheet HTML 59Page - Microchip Technology MCP19110 Datasheet HTML 60Page - Microchip Technology MCP19110 Datasheet HTML 61Page - Microchip Technology MCP19110 Datasheet HTML 62Page - Microchip Technology MCP19110 Datasheet HTML 63Page - Microchip Technology MCP19110 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 226 page
background image
MCP19110/11
DS20002331B-page 60
 2013 Microchip Technology Inc.
9.2
Calibration Word 2
The TTA<3:0> bits at memory location 2082h calibrate
the overtemperature shutdown threshold point. Firm-
ware must read these values and write them to the
TTACAL register for proper calibration.
The BGR<3:0> bits at memory location 2082h calibrate
the internal band gap. Firmware must read these
values and write them to the BGRCAL register for
proper calibration.
REGISTER 9-2:
CALWD2: CALIBRATION WORD 2 REGISTER
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—
TTA3
TTA2
TTA1
TTA0
bit 13
bit 8
U-0
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
—
BGR3
BGR2
BGR1
BGR0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-12
Unimplemented: Read as ‘0’
bit 11-8
TTA<3:0>: Overtemperature shutdown threshold calibration bits.
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
BGR<3:0>: Internal band gap calibration bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com