Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 72Page - Microchip Technology MCP19110 Datasheet HTML 73Page - Microchip Technology MCP19110 Datasheet HTML 74Page - Microchip Technology MCP19110 Datasheet HTML 75Page - Microchip Technology MCP19110 Datasheet HTML 76Page - Microchip Technology MCP19110 Datasheet HTML 77Page - Microchip Technology MCP19110 Datasheet HTML 78Page - Microchip Technology MCP19110 Datasheet HTML 79Page - Microchip Technology MCP19110 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 226 page
background image
MCP19110/11
DS20002331B-page 76
 2013 Microchip Technology Inc.
TABLE 11-5:
MCP19110/11 SPECIAL REGISTERS SUMMARY BANK 3
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Values on
all other
resets(1)
Bank 3
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
181h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
182h
PCL
Program Counter's (PC) Least Significant byte
0000 0000
0000 0000
183h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
185h
IOCA
IOCA7
IOCA6
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
0000 0000
0000 0000
186h
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
IOCB2
IOCB1
IOCB0
0000 -000
0000 -000
187h
ANSELA
—
—
—
—
ANSA3
ANSA2
ANSA1
ANSA0
---- 1111
---- 1111
188h
ANSELB
—
—
ANSB5
ANSB4
—
ANSB2
ANSB1
—
--11 -11-
--11 -11-
189h
—
Unimplemented
—
—
18Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
18Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF(4)
0000 000x
0000 000u
18Ch
PORTICD
(5)
In-Circuit Debug Port Register
18Dh
TRISICD
(5)
In-Circuit Debug TRIS Register
18Eh
ICKBUG
(5)
In-Circuit Debug Register
0--- ----
0--- ----
18Fh
BIGBUG
(5)
In-Circuit Debug Breakpoint Register
---- ----
---- ----
190h
PMCON1
—
CALSEL
—
—
—WREN
WR
RD
-0-- -000
-0-- -000
191h
PMCON2
Program Memory Control Register 2 (not a physical register)
---- ----
---- ----
192h
PMADRL
PMADRL7
PMADRL6
PMADRL5
PMADRL4
PMADRL3
PMADRL2
PMADRL1
PMADRL0
0000 0000
0000 0000
193h
PMADRH
—
—
—
—
PMADRH3
PMADRH2
PMADRH1
PMADRH0
---- 0000
---- 0000
194h
PMDATL
PMDATL7
PMDATL6
PMDATL5
PMDATL4
PMDATL3
PMDATL2
PMDATL1
PMDATL0
0000 0000
0000 0000
195h
PMDATH
—
—
PMDATH5
PMDATH4
PMDATH3
PMDATH2
PMDATH1
PMDATH0
--00 0000
--00 0000
196h
—
Unimplemented
—
—
197h
—
Unimplemented
—
—
198h
OSCCAL
—
FCALT6
FCALT5
FCALT4
FCALT3
FCALT2
FCALT1
FCALT0
xxxx xxxx
uuuu uuuu
199h
DOVCAL
—
—
—
—
DOVT3
DOVT2
DOVT1
DOVT0
xxxx xxxx
uuuu uuuu
19Ah
TTACAL
—
—
—
—
TTA3
TTA2
TTA1
TTA0
xxxx xxxx
uuuu uuuu
19Bh
BGRCAL
Reserve
d
Reserved
Reserved
Reserved
BGRT3
BGRT2
BGRT1
BGRT0
xxxx xxxx
uuuu uuuu
19Ch
VROCAL
—
—
—
—
VROT3
VROT2
VROT1
VROT0
xxxx xxxx
uuuu uuuu
19Dh
ZROCAL
—
—
—
—
ZROT3
ZROT2
ZROT1
ZROT0
xxxx xxxx
uuuu uuuu
19Eh
—
Unimplemented
—
—
19Fh
ATSTCON
—
—
—
—
HIDIS
LODIS
BNCHEN
DRVDIS
1--0 0001
1--0 0001
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
IRP & RP1 bits are reserved, always maintain these bits clear.
3:
RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word.
4:
MCLR and WDT Reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will set again if the
mismatch exists.
5:
Only accessible when DBGEN = 0 and ICKBUG<INBUG> = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com