Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 98 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 98 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 94Page - Microchip Technology MCP19110 Datasheet HTML 95Page - Microchip Technology MCP19110 Datasheet HTML 96Page - Microchip Technology MCP19110 Datasheet HTML 97Page - Microchip Technology MCP19110 Datasheet HTML 98Page - Microchip Technology MCP19110 Datasheet HTML 99Page - Microchip Technology MCP19110 Datasheet HTML 100Page - Microchip Technology MCP19110 Datasheet HTML 101Page - Microchip Technology MCP19110 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 226 page
background image
MCP19110/11
DS20002331B-page 98
 2013 Microchip Technology Inc.
15.3.1.3
PIR1 Register
The PIR1 register contains the Peripheral Interrupt
Flag bits, as shown in Register 15-4.
Note 1: Interrupt flag bits are set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit
or the Global Enable bit, GIE of the
INTCON register. User software should
ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt.
REGISTER 15-4:
PIR1 – PERIPHERAL INTERRUPT FLAG REGISTER 1
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
—
ADIF
BCLIF
SSPIF
—
—
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
UNIMPLEMENTED: Read as '0'
bit 6
ADIF: ADC Interrupt Flag bit
1
= ADC conversion complete
0
= ADC conversion has not completed or has not been started
bit 5
BCLIF: MSSP Bus Collision Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 4
SSPIF: Synchronous Serial Port (MSSP) Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 3-2
UNIMPLEMENTED: Read as '0'
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match did not occur
bit 0
TMR1IF: Timer1 Interrupt Flag
1
= Timer1 rolled over (must be cleared in software)
0
= Timer1 has not rolled over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com