Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 101 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 101 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 97Page - Microchip Technology MCP19110 Datasheet HTML 98Page - Microchip Technology MCP19110 Datasheet HTML 99Page - Microchip Technology MCP19110 Datasheet HTML 100Page - Microchip Technology MCP19110 Datasheet HTML 101Page - Microchip Technology MCP19110 Datasheet HTML 102Page - Microchip Technology MCP19110 Datasheet HTML 103Page - Microchip Technology MCP19110 Datasheet HTML 104Page - Microchip Technology MCP19110 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 101
MCP19110/11
16.0
POWER-DOWN MODE (SLEEP)
The Power-Down mode is entered by executing a
SLEEP
instruction.
Upon entering Sleep mode, the following conditions
exist:
1.
WDT will be cleared but keeps running, if
enabled for operation during Sleep.
2.
PD bit of the STATUS register is cleared.
3.
TO bit of the STATUS register is set.
4.
CPU clock is not disabled.
5.
Timer1 oscillator is unaffected, and peripherals
that operate from it may continue operation in
Sleep.
6.
ADC is unaffected.
7.
I/O ports maintain the status they had before
SLEEP
was executed (driving high, low or
high-impedance).
8.
Resets other than WDT are not affected by
Sleep mode.
9.
Analog circuitry is unaffected by execution of
SLEEP
instruction.
Refer to individual chapters for more details on
peripheral operation during Sleep.
To
minimize
current
consumption,
the following
conditions should be considered:
• I/O pins should not be floating
• External circuitry sinking current from I/O pins
• Internal circuitry sourcing current from I/O pins
• Current draw from pins with internal weak pull-ups
• Modules using Timer1 oscillator
I/O pins that are high-impedance inputs should be
pulled to VDD or GND externally to avoid switching
currents caused by floating inputs.
The SLEEP instruction does not affect the analog
circuitry. The enable state of the analog circuitry does
not change with the execution of the SLEEP instruction.
Examples of internal circuitry that might be sourcing
current include modules, such as the DAC. See
Section 22.0 “Analog-to-Digital Converter (ADC)
Module” for more information on this module.
16.1
Wake-up from Sleep
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin, if enabled
2.
POR Reset
3.
Watchdog Timer, if enabled
4.
Any external interrupt
5.
Interrupts by peripherals capable of running
during Sleep (see individual peripheral for more
information)
The first two events will cause a device Reset. The last
three events are considered a continuation of program
execution. To determine whether a device Reset or
Wake-up
event
occurred,
refer
to
Section 14.7
“Determining the Cause of a Reset”.
The following peripheral interrupts can wake the device
from Sleep:
1.
Timer1 interrupt. Timer1 must be operating as
an asynchronous counter
2.
A/D conversion
3.
Interrupt-on-change
4.
External Interrupt from INT pin
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be enabled. Wake-up will
occur regardless of the state of the GIE bit. If the GIE
bit is disabled, the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
enabled, the device executes the instruction after the
SLEEP
instruction, the device will then call the Interrupt
Service Routine. In cases where the execution of the
instruction following SLEEP is not desirable, the user
should have an NOP after the SLEEP instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com