Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 84 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 84 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 80Page - Microchip Technology MCP19110 Datasheet HTML 81Page - Microchip Technology MCP19110 Datasheet HTML 82Page - Microchip Technology MCP19110 Datasheet HTML 83Page - Microchip Technology MCP19110 Datasheet HTML 84Page - Microchip Technology MCP19110 Datasheet HTML 85Page - Microchip Technology MCP19110 Datasheet HTML 86Page - Microchip Technology MCP19110 Datasheet HTML 87Page - Microchip Technology MCP19110 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 226 page
background image
MCP19110/11
DS20002331B-page 84
 2013 Microchip Technology Inc.
13.3.1
OSCILLATOR DELAY UPON
POWER-UP, WAKE-UP AND
BASE FREQUENCY CHANGE
In applications where the OSCTUNE register is used to
shift the frequency of the internal oscillator, the
application should not expect the frequency of the
internal oscillator to stabilize immediately. In this case,
the frequency may shift gradually toward the new
value. The time for this frequency shift is less than eight
cycles of the base frequency.
On power up, the device is held in reset by the
power-up time, if the power-up timer is enabled.
Following a wake-up from Sleep mode or POR, an
internal delay of ~10 µs is invoked to allow the
memory bias to stabilize before program execution
can begin.
TABLE 13-1:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
83
Legend: — = unimplemented locations read as ‘0’. Shaded cells are not used by clock sources.
TABLE 13-2:
SUMMARY OF CALIBRATION WORD ASSOCIATED WITH CLOCK SOURCES
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CALWD1
13:8
—
—
—
—
DOV3
DOV2
DOV1
DOV0
59
7:0
—
FCAL6
FCAL5
FCAL4
FCAL3
FCAL2
FCAL1
FCAL0
Legend: — = unimplemented locations read as ‘0’. Shaded cells are not used by clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com