Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 28Page - Microchip Technology MCP19110 Datasheet HTML 29Page - Microchip Technology MCP19110 Datasheet HTML 30Page - Microchip Technology MCP19110 Datasheet HTML 31Page - Microchip Technology MCP19110 Datasheet HTML 32Page - Microchip Technology MCP19110 Datasheet HTML 33Page - Microchip Technology MCP19110 Datasheet HTML 34Page - Microchip Technology MCP19110 Datasheet HTML 35Page - Microchip Technology MCP19110 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 226 page
background image
MCP19110/11
DS20002331B-page 32
 2013 Microchip Technology Inc.
FIGURE 5-5:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 5-3:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, AND POWER-UP
TIMER REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TMCL
MCLR Pulse Width (low)
2
—
—
µs
VDD = 5V, -40°C to +85°C
31
TWDT
Watchdog Timer Time-out
Period (No Prescaler)
718
33
ms
VDD = 5V, -40°C to +85°C
32
TOST
Oscillation Start-up Timer
Period
—
1024TOSC
——
TOSC = OSC1 period
33*
TPWRT
Power-up Timer Period
(4 x TWDT)
28
64
132
ms
VDD = 5V, -40°C to +85°C
34
TIOZ
I/O high-impedance from MCLR
Low or Watchdog Timer Reset
——
2.0
µs
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at VIN =12V (VDD = 5V), +25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
TABLE 5-4:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
40*
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
10
—
—
ns
41*
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
10
—
—
ns
42*
Tt0P
T0CKI Period
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale value
(2, 4, ..., 256)
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at VIN =12V (VDD = 5V), +25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
41
42
40
T0CKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com