Electronic Components Datasheet Search
  English  ▼

X  

MCP19110 Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 66Page - Microchip Technology MCP19110 Datasheet HTML 67Page - Microchip Technology MCP19110 Datasheet HTML 68Page - Microchip Technology MCP19110 Datasheet HTML 69Page - Microchip Technology MCP19110 Datasheet HTML 70Page - Microchip Technology MCP19110 Datasheet HTML 71Page - Microchip Technology MCP19110 Datasheet HTML 72Page - Microchip Technology MCP19110 Datasheet HTML 73Page - Microchip Technology MCP19110 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 226 page
background image
MCP19110/11
DS20002331B-page 70
 2013 Microchip Technology Inc.
11.1.1
READING PROGRAM MEMORY AS
DATA
There are two methods of accessing constants in
program memory. The first method is to use tables of
RETLW
instructions. The second method is to set a
Files Select Register (FSR) to point to the program
memory.
11.1.1.1
RETLW
Instruction
The RETLW instruction can be used to provide access
to tables of constants. The recommended way to create
such a table is shown in Example 11-1.
EXAMPLE 11-1:
RETLW
INSTRUCTION
11.1.1.2
Indirect Read with Files Select
Register (
FSR)
The program memory can be accessed as data by
setting bit 7 of the FSRxH register and reading the
matching INDFx register. The MOVIW instruction will
place the lower 8 bits of the addressed word in the
W register. Writes to the program memory cannot be
performed via the INDF registers. Instructions that
access the program memory via the FSR require one
extra instruction cycle to complete. Example 11-2
demonstrates accessing the program memory via an
FSR.
The HIGH directive will set bit<7> if a label points to a
location in program memory.
EXAMPLE 11-2:
ACCESSING PROGRAM
MEMORY VIA FSR
11.2
Data Memory Organization
The data memory (see Table 11-1) is partitioned into
four banks, which contain the General Purpose
Registers (GPR) and the Special Function Registers
(SFR). The Special Function Registers are located in
the first 32 locations of each bank. Register locations
20h-7Fh in Bank 0, A0h-EFh in Bank 1 and 120h-16Fh
in
Bank 2
are
General
Purpose
Registers,
implemented as static RAM. All other RAM is
unimplemented and returns ‘0’
when read. The
RP<1:0> bits of the STATUS register are the bank
select bits.
To move values from one register to another register,
the value must pass throught the W register. This
means that for all register-to-register moves, two
instruction cycles are required.
The
STATUS
register,
shown
in
Register 11-1,
contains:
• the arithmetic status of the ALU
• the Reset status
• the bank select bits for data memory (RAM)
The STATUS register can be the destination for any
instruction, like any other register. If the STATUS
register is the destination for an instruction that affects
the Z, DC or C bits, then the write to these three bits is
disabled. These bits are set or cleared according to the
device logic. Furthermore, the TO and PD bits are not
writable. Therefore, the result of an instruction with the
STATUS register as destination may be different than
intended.
For example, CLRF STATUS will clear the upper three
bits and set the Z bit. This leaves the STATUS register
as ‘000u u1uu’ (where u = unchanged).
Therefore, it is recommended that only BCF, BSF,
SWAPF
and MOVWF instructions are used to alter the
STATUS register, because these instructions do not
affect any Status bits. For other instructions not
affecting any Status bits, see the Section 29.0
“Instruction Set Summary”.
constants
RETLW DATA0
;Index0 data
RETLW DATA1
;Index1 data
RETLW DATA2
RETLW DATA3
my_function
;… LOTS OF CODE…
MOVLW
DATA_INDEX
call constants
;… THE CONSTANT IS IN W
constants
RETLW DATA0
;Index0 data
RETLW DATA1
;Index1 data
RETLW DATA2
RETLW DATA3
my_function
;… LOTS OF CODE…
MOVLW
LOW constants
MOVWF
FSR1L
MOVLW
HIGH constants
MOVWF
FSR1H
MOVIW 0[FSR1]
;THE PROGRAM MEMORY IS IN W
Note 1: The C and DC bits operate as Borrow
and Digit Borrow out bits, respectively, in
subtraction.
RP1
RP0
00
-> Bank 0 is selected
01
-> Bank 1 is selected
10
-> Bank 2 is selected
11
-> Bank 3 is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com