Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology LTC3402 Datasheet HTML 10Page - Linear Technology LTC3402 Datasheet HTML 11Page - Linear Technology LTC3402 Datasheet HTML 12Page - Linear Technology LTC3402 Datasheet HTML 13Page - Linear Technology LTC3402 Datasheet HTML 14Page - Linear Technology LTC3402 Datasheet HTML 15Page - Linear Technology LTC3402 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC1871
12
1871fe
APPLICATIONS INFORMATION
temperature rating. The junction temperature can be
estimated using the following equations:
IQ(TOT) ≈ IQ + f • QG
PIC = VIN • (IQ + f • QG)
TJ = TA + PIC • RTH(JA)
The total quiescent current IQ(TOT) consists of the static
supply current (IQ) and the current required to charge and
discharge the gate of the power MOSFET. The 10-pin MSOP
package has a thermal resistance of RTH(JA) = 120°C/W.
As an example, consider a power supply with VIN = 5V and
VO = 12V at IO = 1A. The switching frequency is 500kHz,
and the maximum ambient temperature is 70°C. The power
MOSFET chosen is the IRF7805, which has a maximum
RDS(ON) of 11mΩ (at room temperature) and a maximum
total gate charge of 37nC (the temperature coefficient of
the gate charge is low).
IQ(TOT) = 600μA + 37nC • 500kHz = 19.1mA
PIC = 5V • 19.1mA = 95mW
TJ = 70°C + 120°C/W • 95mW = 81.4°C
This demonstrates how significant the gate charge current
can be when compared to the static quiescent current in
the IC.
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked when
operating in a continuous mode at high VIN. A tradeoff
between the operating frequency and the size of the power
MOSFET may need to be made in order to maintain a reliable
IC junction temperature. Prior to lowering the operating
frequency, however, be sure to check with power MOSFET
manufacturers for their latest-and-greatest low QG, low
RDS(ON) devices. Power MOSFET manufacturing tech-
nologies are continually improving, with newer and better
performance devices being introduced almost yearly.
Output Voltage Programming
The output voltage is set by a resistor divider according
to the following formula:
VO = 1.230V • 1+
R2
R1
The external resistor divider is connected to the output
as shown in Figure 1, allowing remote voltage sensing.
The resistors R1 and R2 are typically chosen so that the
error caused by the current flowing into the FB pin dur-
ing normal operation is less than 1% (this translates to a
maximum value of R1 of about 250k).
Programming Turn-On and Turn-Off Thresholds with
the RUN Pin
The LTC1871 contains an independent, micropower voltage
reference and comparator detection circuit that remains
active even when the device is shut down, as shown in
Figure 8. This allows users to accurately program an input
voltage at which the converter will turn on and off. The
falling threshold voltage on the RUN pin is equal to the
internal reference voltage of 1.248V. The comparator has
100mV of hysteresis to increase noise immunity.
The turn-on and turn-off input voltage thresholds are
programmed using a resistor divider according to the
following formulas:
VIN(OFF) = 1.248V • 1+
R2
R1
VIN(ON) = 1.348V • 1+
R2
R1
The resistor R1 is typically chosen to be less than 1M.
For applications where the RUN pin is only to be used as
a logic input, the user should be aware of the 7V Absolute
Maximum Rating for this pin! The RUN pin can be con-
nected to the input voltage through an external 1M resistor,
as shown in Figure 8c, for “always on” operation.
Application Circuits
A basic LTC1871 application circuit is shown in Figure 1.
External component selection is driven by the character-
istics of the load and the input supply. The first topology
to be analyzed will be the boost converter, followed by
SEPIC (single ended primary inductance converter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com