Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 13Page - Linear Technology LTC3402 Datasheet HTML 14Page - Linear Technology LTC3402 Datasheet HTML 15Page - Linear Technology LTC3402 Datasheet HTML 16Page - Linear Technology LTC3402 Datasheet HTML 17Page - Linear Technology LTC3402 Datasheet HTML 18Page - Linear Technology LTC3402 Datasheet HTML 19Page - Linear Technology LTC3402 Datasheet HTML 20Page - Linear Technology LTC3402 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTC1871
17
1871fe
APPLICATIONS INFORMATION
Remember to keep the diode lead lengths short and to
observe proper switch-node layout (see Board Layout
Checklist) to avoid excessive ringing and increased dis-
sipation.
Boost Converter: Output Capacitor Selection
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct component
for a given output ripple voltage. The effects of these three
parameters (ESR, ESL and bulk C) on the output voltage
ripple waveform are illustrated in Figure 12e for a typical
boost converter.
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step and the charging/discharging ΔV.
For the purpose of simplicity we will choose 2% for the
maximum output ripple, to be divided equally between the
ESR step and the charging/discharging ΔV. This percent-
age ripple will change, depending on the requirements
of the application, and the equations provided below can
easily be modified.
For a 1% contribution to the total ripple voltage, the ESR
of the output capacitor can be determined using the fol-
lowing equation:
ESRCOUT
0.01• VO
IIN(PEAK)
where:
IIN(PEAK)= 1+
2
•
IO(MAX)
1– DMAX
For the bulk C component, which also contributes 1% to
the total ripple:
COUT
IO(MAX)
0.01• VO • f
For many designs it is possible to choose a single capacitor
type that satisfies both the ESR and bulk C requirements
for the design. In certain demanding applications, however,
the ripple voltage can be improved significantly by con-
necting two or more types of capacitors in parallel. For
example, using a low ESR ceramic capacitor can minimize
the ESR step, while an electrolytic capacitor can be used
to supply the required bulk C.
Once the output capacitor ESR and bulk capacitance have
been determined, the overall ripple voltage waveform
should be verified on a dedicated PC board (see Board
Layout section for more information on component place-
ment). Lab breadboards generally suffer from excessive
series inductance (due to inter-component wiring), and
these parasitics can make the switching waveforms look
significantly worse than they would be on a properly
designed PC board.
The output capacitor in a boost regulator experiences high
RMS ripple currents, as shown in Figure 12. The RMS
output capacitor ripple current is:
IRMS(COUT) IO(MAX) •
VO –VIN(MIN)
VIN(MIN)
Note that the ripple current ratings from capacitor manu-
facturers are often based on only 2000 hours of life. This
makes it advisable to further derate the capacitor or to
choose a capacitor rated at a higher temperature than
required. Several capacitors may also be placed in parallel
to meet size or height requirements in the design.
Manufacturers such as Nichicon, United Chemicon and
Sanyo should be considered for high performance through-
hole capacitors. The OS-CON semiconductor dielectric
capacitor available from Sanyo has the lowest product of
ESR and size of any aluminum electrolytic, at a somewhat
higher price.
In surface mount applications, multiple capacitors may
have to be placed in parallel in order to meet the ESR or
RMS current handling requirements of the application.
Aluminum electrolytic and dry tantalum capacitors are
both available in surface mount packages. In the case of
tantalum, it is critical that the capacitors have been surge
tested for use in switching power supplies. An excellent
choice is AVX TPS series of surface mount tantalum. Also,
ceramic capacitors are now available with extremely low
ESR, ESL and high ripple current ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com