Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 22Page - Linear Technology LTC3402 Datasheet HTML 23Page - Linear Technology LTC3402 Datasheet HTML 24Page - Linear Technology LTC3402 Datasheet HTML 25Page - Linear Technology LTC3402 Datasheet HTML 26Page - Linear Technology LTC3402 Datasheet HTML 27Page - Linear Technology LTC3402 Datasheet HTML 28Page - Linear Technology LTC3402 Datasheet HTML 29Page - Linear Technology LTC3402 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC1871
26
1871fe
APPLICATIONS INFORMATION
During the MOSFET’s on-time, the control circuit limits
the maximum voltage drop across the power MOSFET to
about 150mV (at low duty cycle). The peak inductor current
is therefore limited to 150mV/RDS(ON). The relationship
between the maximum load current, duty cycle and the
RDS(ON) of the power MOSFET is:
RDS(ON)
VSENSE(MAX)
IO(MAX)
•
1
1
+
2
• T
•
1
VO + VD
VIN(MIN)
+ 1
The VSENSE(MAX) term is typically 150mV at low duty cycle
and is reduced to about 100mV at a duty cycle of 92% due
to slope compensation, as shown in Figure 8. The constant
‘χ’ in the denominator represents the ripple current in the
inductors relative to their maximum current. For example,
if 30% ripple current is chosen, then χ = 0.30. The ρT term
accounts for the temperature coefficient of the RDS(ON) of
the MOSFET, which is typically 0.4%/°C. Figure 9 illustrates
the variation of normalized RDS(ON) over temperature for
a typical power MOSFET.
Another method of choosing which power MOSFET to
use is to check what the maximum output current is for a
given RDS(ON) since MOSFET on-resistances are available
in discrete values.
IO(MAX)
VSENSE(MAX)
RDS(ON)
•
1
1
+
2
• T
•
1
VO + VD
VIN(MIN)
+ 1
Calculating Power MOSFET Switching and Conduction
Losses and Junction Temperatures
In order to calculate the junction temperature of the
power MOSFET, the power dissipated by the device must
be known. This power dissipation is a function of the
duty cycle, the load current and the junction temperature
itself. As a result, some iterative calculation is normally
required to determine a reasonably accurate value. Since
the controller is using the MOSFET as both a switching
and a sensing element, care should be taken to ensure
that the converter is capable of delivering the required
load current over all operating conditions (load, line and
temperature) and for the worst-case specifications for
VSENSE(MAX) and the RDS(ON) of the MOSFET listed in the
manufacturer’s data sheet.
The power dissipated by the MOSFET in a SEPIC converter
is:
PFET = IO(MAX) •
DMAX
1– DMAX
2
•RDS(ON) •DMAX • T
+ k• VIN(MIN) + VO
()1.85•I
O(MAX) •
DMAX
1– DMAX
•CRSS •f
The first term in the equation above represents the I2R
losses in the device and the second term, the switching
losses. The constant k = 1.7 is an empirical factor inversely
related to the gate drive current and has the dimension
of 1/current.
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + PFET •RTH(JA)
The RTH(JA) to be used in this equation normally includes
the RTH(JC) for the device plus the thermal resistance from
the board to the ambient temperature in the enclosure.
This value of TJ can then be used to check the original
assumption for the junction temperature in the iterative
calculation process.
SEPIC Converter: Output Diode Selection
To maximize efficiency, a fast-switching diode with low
forward drop and low reverse leakage is desired. The output
diode in a SEPIC converter conducts current during the
switch off-time. The peak reverse voltage that the diode
must withstand is equal to VIN(MAX) + VO. The average
forward current in normal operation is equal to the output
current, and the peak current is equal to:
ID(PEAK) = 1+
2
•IO(MAX) •
VO + VD
VIN(MIN)
+ 1
The power dissipated by the diode is:
PD = IO(MAX) • VD
and the diode junction temperature is:
TJ = TA + PD • RTH(JA)
The RTH(JA) to be used in this equation normally includes
the RTH(JC) for the device plus the thermal resistance from
the board to the ambient temperature in the enclosure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com