Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 23Page - Linear Technology LTC3402 Datasheet HTML 24Page - Linear Technology LTC3402 Datasheet HTML 25Page - Linear Technology LTC3402 Datasheet HTML 26Page - Linear Technology LTC3402 Datasheet HTML 27Page - Linear Technology LTC3402 Datasheet HTML 28Page - Linear Technology LTC3402 Datasheet HTML 29Page - Linear Technology LTC3402 Datasheet HTML 30Page - Linear Technology LTC3402 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC1871
27
1871fe
APPLICATIONS INFORMATION
SEPIC Converter: Output Capacitor Selection
Because of the improved performance of today’s electro-
lytic, tantalum and ceramic capacitors, engineers need
to consider the contributions of ESR (equivalent series
resistance), ESL (equivalent series inductance) and the
bulk capacitance when choosing the correct component
for a given output ripple voltage. The effects of these three
parameters (ESR, ESL, and bulk C) on the output voltage
ripple waveform are illustrated in Figure 17 for a typical
coupled-inductor SEPIC converter.
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step and the charging/discharging ΔV.
For the purpose of simplicity we will choose 2% for the
maximum output ripple, to be divided equally between the
ESR step and the charging/discharging ΔV. This percentage
ripple will change, depending on the requirements of the
application, and the equations provided below can easily
be modified.
For a 1% contribution to the total ripple voltage, the ESR
of the output capacitor can be determined using the fol-
lowing equation:
ESRCOUT
0.01• VO
ID(PEAK)
where:
ID(PEAK) = 1+
2
•IO(MAX) •
VO + VD
VIN(MIN)
+ 1
For the bulk C component, which also contributes 1% to
the total ripple:
COUT
IO(MAX)
0.01• VO • f
For many designs it is possible to choose a single capacitor
type that satisfies both the ESR and bulk C requirements
for the design. In certain demanding applications, however,
the ripple voltage can be improved significantly by con-
necting two or more types of capacitors in parallel. For
example, using a low ESR ceramic capacitor can minimize
the ESR step, while an electrolytic or tantalum capacitor
can be used to supply the required bulk C.
Once the output capacitor ESR and bulk capacitance have
been determined, the overall ripple voltage waveform
should be verified on a dedicated PC board (see Board
Layout section for more information on component place-
ment). Lab breadboards generally suffer from excessive
series inductance (due to inter-component wiring), and
these parasitics can make the switching waveforms look
significantly worse than they would be on a properly
designed PC board.
Figure 17. SEPIC Converter Switching Waveforms
17a. Input Inductor Current
IIN
IL1
SW
ON
SW
OFF
17b. Output Inductor Current
IO
IL2
17c. DC Coupling Capacitor Current
IO
IIN
IC1
17e. Output Ripple Voltage
VOUT
(AC)
ΔVESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
ΔVCOUT
17d. Diode Current
IO
ID1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com