Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 16Page - Linear Technology LTC3402 Datasheet HTML 17Page - Linear Technology LTC3402 Datasheet HTML 18Page - Linear Technology LTC3402 Datasheet HTML 19Page - Linear Technology LTC3402 Datasheet HTML 20Page - Linear Technology LTC3402 Datasheet HTML 21Page - Linear Technology LTC3402 Datasheet HTML 22Page - Linear Technology LTC3402 Datasheet HTML 23Page - Linear Technology LTC3402 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC1871
20
1871fe
APPLICATIONS INFORMATION
then off, a packet of gate charge QG is transferred from
INTVCC to ground. The resulting dQ/dt is a current that
must be supplied to the INTVCC capacitor through the
VIN pin by an external supply. If the IC is operating in
CCM:
IQ(TOT) ≈ IQ = f • QG
PIC = VIN • (IQ + f • QG)
2. Power MOSFET switching and conduction losses. The
technique of using the voltage drop across the power
MOSFET to close the current feedback loop was chosen
because of the increased efficiency that results from
not having a sense resistor. The losses in the power
MOSFET are equal to:
PFET =
IO(MAX)
1– DMAX
2
•RDS(ON) •DMAX • T
+k• VO1.85 •
IO(MAX)
1– DMAX
(
)
•CRSS •f
The I2R power savings that result from not having a
discrete sense resistor can be calculated almost by
inspection.
PR(SENSE) =
IO(MAX)
1– DMAX
2
•RSENSE •DMAX
To understand the magnitude of the improvement with
this VDS sensing technique, consider the 3.3V input,
5V output power supply shown in Figure 1. The maxi-
mum load current is 7A (10A peak) and the duty cycle
is 39%. Assuming a ripple current of 40%, the peak
inductor current is 13.8A and the average is 11.5A.
With a maximum sense voltage of about 140mV, the
sense resistor value would be 10mΩ, and the power
dissipated in this resistor would be 514mW at maxi-
mum output current. Assuming an efficiency of 90%,
this sense resistor power dissipation represents 1.3%
of the overall input power. In other words, for this ap-
plication, the use of VDS sensing would increase the
efficiency by approximately 1.3%.
For more details regarding the various terms in these
equations, please refer to the section Boost Converter:
Power MOSFET Selection.
3. The losses in the inductor are simply the DC input cur-
rent squared times the winding resistance. Expressing
this loss as a function of the output current yields:
PR(WINDING) =
IO(MAX)
1– DMAX
2
•RW
4. Losses in the boost diode. The power dissipation in the
boost diode is:
PDIODE = IO(MAX) • VD
The boost diode can be a major source of power loss
in a boost converter. For the 3.3V input, 5V output at
7A example given above, a Schottky diode with a 0.4V
forward voltage would dissipate 2.8W, which represents
7% of the input power. Diode losses can become signifi-
cant at low output voltages where the forward voltage
is a significant percentage of the output voltage.
5. Other losses, including CIN and CO ESR dissipation and
inductor core losses, generally account for less than
2% of the total additional loss.
Checking Transient Response
The regulator loop response can be verified by looking at
the load transient response. Switching regulators generally
take several cycles to respond to an instantaneous step
in resistive load current. When the load step occurs, VO
immediately shifts by an amount equal to (ΔILOAD)(ESR),
and then CO begins to charge or discharge (depending on
the direction of the load step) as shown in Figure 13. The
regulator feedback loop acts on the resulting error amp
output signal to return VO to its steady-state value. During
this recovery time, VO can be monitored for overshoot or
ringing that would indicate a stability problem.
Figure 13. Load Transient Response for a 3.3V Input,
5V Output Boost Converter Application, 0.7A to 7A Step
IOUT
2V/DIV
VOUT (AC)
100mV/DIV
100μs/DIV
1871 F13
VIN = 3.3V
VOUT = 5V
MODE/SYNC = INTVCC
(PULSE-SKIP MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com