Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 20Page - Linear Technology LTC3402 Datasheet HTML 21Page - Linear Technology LTC3402 Datasheet HTML 22Page - Linear Technology LTC3402 Datasheet HTML 23Page - Linear Technology LTC3402 Datasheet HTML 24Page - Linear Technology LTC3402 Datasheet HTML 25Page - Linear Technology LTC3402 Datasheet HTML 26Page - Linear Technology LTC3402 Datasheet HTML 27Page - Linear Technology LTC3402 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC1871
24
1871fe
APPLICATIONS INFORMATION
that the input filter capacitor for the LTC1871 is not
shared with other converters. AC input current from
another converter could cause substantial input voltage
ripple, and this could interfere with the operation of the
LTC1871. A few inches of PC trace or wire (L ≈ 100nH)
between the CIN of the LTC1871 and the actual source
VIN should be sufficient to prevent current sharing
problems.
SEPIC Converter Applications
The LTC1871 is also well suited to SEPIC (single-ended
primary inductance converter) converter applications. The
SEPIC converter shown in Figure 16 uses two inductors.
The advantage of the SEPIC converter is the input voltage
may be higher or lower than the output voltage, and the
output is short-circuit protected.
Figures 16. SEPIC Topology and Current Flow
+
+
•
•
•
•
SW
L2
COUT
RL
VOUT
VIN
C1
D1
L1
16a. SEPIC Topology
+
+
•
RL
VOUT
VIN
D1
16c. Current Flow During Switch Off-Time
+
+
•
RL
VOUT
VIN
VIN
VIN
16b. Current Flow During Switch On-Time
The first inductor, L1, together with the main switch,
resembles a boost converter. The second inductor, L2,
together with the output diode D1, resembles a flyback or
buck-boost converter. The two inductors L1 and L2 can be
independent but can also be wound on the same core since
identical voltages are applied to L1 and L2 throughout the
switching cycle. By making L1 = L2 and winding them on
the same core the input ripple is reduced along with cost
and size. All of the SEPIC applications information that
follows assumes L1 = L2 = L.
SEPIC Converter: Duty Cycle Considerations
For a SEPIC converter operating in a continuous conduction
mode (CCM), the duty cycle of the main switch is:
D
=
VO + VD
VIN + VO + VD
where VD is the forward voltage of the diode. For convert-
ers where the input voltage is close to the output voltage
the duty cycle is near 50%.
The maximum output voltage for a SEPIC converter is:
VO(MAX) = VIN + VD
() DMAX
1– DMAX
–VD
1
1– DMAX
The maximum duty cycle of the LTC1871 is typically
92%.
SEPIC Converter: The Peak and Average Input
Currents
The control circuit in the LTC1871 is measuring the input
current (either using the RDS(ON) of the power MOSFET
or by means of a sense resistor in the MOSFET source),
so the output current needs to be reflected back to the
input in order to dimension the power MOSFET properly.
Based on the fact that, ideally, the output power is equal
to the input power, the maximum input current for a SEPIC
converter is:
IIN(MAX) =IO(MAX) •
DMAX
1– DMAX
The peak input current is:
IIN(PEAK) = 1+
2
•IO(MAX) •
DMAX
1– DMAX
The maximum duty cycle, DMAX, should be calculated at
minimum VIN.
The constant ‘χ’ represents the fraction of ripple current in
the inductor relative to its maximum value. For example, if
30% ripple current is chosen, then χ = 0.30 and the peak
current is 15% greater than the average.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com