Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 11Page - Linear Technology LTC3402 Datasheet HTML 12Page - Linear Technology LTC3402 Datasheet HTML 13Page - Linear Technology LTC3402 Datasheet HTML 14Page - Linear Technology LTC3402 Datasheet HTML 15Page - Linear Technology LTC3402 Datasheet HTML 16Page - Linear Technology LTC3402 Datasheet HTML 17Page - Linear Technology LTC3402 Datasheet HTML 18Page - Linear Technology LTC3402 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
LTC1871
15
1871fe
APPLICATIONS INFORMATION
Boost Converter: Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool Mμ® cores. Actual core loss is independent of core
size for a fixed inductor value, but is very dependent on
the inductance selected. As inductance increases, core
losses go down. Unfortunately, increased inductance
requires more turns of wire and therefore, copper losses
will increase. Generally, there is a tradeoff between core
losses and copper losses that needs to be balanced.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper losses and preventing saturation.
Ferrite core material saturates “hard,” meaning that the
inductance collapses rapidly when the peak design current
is exceeded. This results in an abrupt increase in inductor
ripple current and consequently, output voltage ripple. Do
not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good,
low cost core material for toroids, but is more expensive
than ferrite. A reasonable compromise from the same
manufacturer is Kool Mμ.
Boost Converter: Power MOSFET Selection
The power MOSFET serves two purposes in the LTC1871:
it represents the main switching element in the power path,
and its RDS(ON) represents the current sensing element
for the control loop. Important parameters for the power
MOSFET include the drain-to-source breakdown voltage
(BVDSS), the threshold voltage (VGS(TH)), the on-resistance
(RDS(ON))versusgate-to-sourcevoltage,thegate-to-source
and gate-to-drain charges (QGS and QGD, respectively),
the maximum drain current (ID(MAX)) and the MOSFET’s
thermal resistances (RTH(JC) and RTH(JA)).
The gate drive voltage is set by the 5.2V INTVCC low drop
regulator. Consequently, logic-level threshold MOSFETs
should be used in most LTC1871 applications. If low input
voltage operation is expected (e.g., supplying power from
a lithium-ion battery or a 3.3V logic supply), then sublogic-
level threshold MOSFETs should be used.
Pay close attention to the BVDSS specifications for the
MOSFETs relative to the maximum actual switch voltage in
the application. Many logic-level devices are limited to 30V
or less, and the switch node can ring during the turn-off of
the MOSFET due to layout parasitics. Check the switching
waveforms of the MOSFET directly across the drain and
source terminals using the actual PC board layout (not
just on a lab breadboard!) for excessive ringing.
During the switch on-time, the control circuit limits the
maximum voltage drop across the power MOSFET to about
150mV (at low duty cycle). The peak inductor current
is therefore limited to 150mV/RDS(ON). The relationship
between the maximum load current, duty cycle and the
RDS(ON) of the power MOSFET is:
RDS(ON) VSENSE(MAX) •
1– DMAX
1
+
2
•IO(MAX) • T
The VSENSE(MAX) term is typically 150mV at low duty
cycle, and is reduced to about 100mV at a duty cycle of
92% due to slope compensation, as shown in Figure 10.
The ρT term accounts for the temperature coefficient of
the RDS(ON) of the MOSFET, which is typically 0.4%/°C.
Figure 11 illustrates the variation of normalized RDS(ON)
over temperature for a typical power MOSFET.
DUTY CYCLE
0
100
150
0.8
1871 F10
50
0
0.2
0.4
0.5
1.0
200
Figure 10. Maximum SENSE Threshold Voltage vs Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com