Electronic Components Datasheet Search
  English  ▼

X  

AD7843 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 5 Page - Analog Devices

  AD7843 Datasheet HTML 1Page - Analog Devices AD7843 Datasheet HTML 2Page - Analog Devices AD7843 Datasheet HTML 3Page - Analog Devices AD7843 Datasheet HTML 4Page - Analog Devices AD7843 Datasheet HTML 5Page - Analog Devices AD7843 Datasheet HTML 6Page - Analog Devices AD7843 Datasheet HTML 7Page - Analog Devices AD7843 Datasheet HTML 8Page - Analog Devices AD7843 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD7843
Rev. B | Page 4 of 20
Parameter
AD7843A1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VCC (Specified Performance)
2.7/3.6
V min/max
Functional from 2.2 V to 5.25 V
ICC5
Digital I/Ps = 0 V or VCC
Normal Mode (fSAMPLE = 125 kSPS)
380
µA max
VCC = 3.6 V, 240 µA typ
Normal Mode (fSAMPLE = 12.5 kSPS)
170
µA typ
VCC = 2.7 V, fDCLK = 200 kHz
Normal Mode (Static)
150
µA typ
VCC = 3.6 V
Shutdown Mode (Static)
1
µA max
Power Dissipation5
Normal Mode (fSAMPLE = 125 kSPS)
1.368
mW max
VCC = 3.6 V
Shutdown
3.6
µW max
VCC = 3.6 V
1 Temperature range as follows: A Version: −40°C to +85°C.
2 See the Terminology section.
3 Guaranteed by design.
4 Sample tested @ 25°C to ensure compliance.
5 See the Power vs. Throughput Rate section.
TIMING SPECIFICATIONS
TA = TMIN to TMAX, unless otherwise noted; VCC = 2.7 V to 3.6 V, VREF = 2.5 V.
Table 2. Timing Specifications1
Parameter
Limit at TMIN, TMAX
Unit
Description
fDCLK2
10
kHz min
2
MHz max
tACQ
1.5
µs min
Acquisition time
t1
10
ns min
CS falling edge to First DCLK rising edge
t2
60
ns max
CS falling edge to BUSY three-state disabled
t3
60
ns max
CS falling edge to DOUT three-state disabled
t4
200
ns min
DCLK high pulse width
t5
200
ns min
DCLK low pulse width
t6
60
ns max
DCLK falling edge to BUSY rising edge
t7
10
ns min
Data setup time prior to DCLK rising edge
t8
10
ns min
Data valid to DCLK hold time
t93
200
ns max
Data access time after DCLK falling edge
t10
0
ns min
CS rising edge to DCLK ignored
t11
200
ns max
CS rising edge to BUSY high impedance
t124
200
ns max
CS rising edge to DOUT high impedance
1 Sample tested at 25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VCC) and are timed from a voltage level of 1.6 V.
2 Mark/space ratio for the SCLK input is 40/60 to 60/40.
3 Measured with the load circuit in Figure 2 and defined as the time required for the output to cross 0.4 V or 2.0 V.
4 t12 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit in Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t12, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
200
µA
1.6V
200
µA
IOL
IOH
TO
OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com