Electronic Components Datasheet Search
  English  ▼

X  

AD7843 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7843 Datasheet HTML 3Page - Analog Devices AD7843 Datasheet HTML 4Page - Analog Devices AD7843 Datasheet HTML 5Page - Analog Devices AD7843 Datasheet HTML 6Page - Analog Devices AD7843 Datasheet HTML 7Page - Analog Devices AD7843 Datasheet HTML 8Page - Analog Devices AD7843 Datasheet HTML 9Page - Analog Devices AD7843 Datasheet HTML 10Page - Analog Devices AD7843 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD7843
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
10
8
9
11
12
13
14
15
16
AD7843
TOP VIEW
(Not to Scale)
+VCC
X+
Y+
X–
Y–
GND
IN3
IN4
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+VCC
VREF
Figure 3. Pin Configuration QSOP/TSSOP
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 10
+VCC
Power Supply Input. The +VCC range for the AD7843 is from 2.2 V to 5.25 V. Both +VCC pins should be connected
directly together.
2
X+
X+ Position Input. ADC Input Channel 1.
3
Y+
Y+ Position Input. ADC Input Channel 2.
4
X−
X− Position Input.
5
Y−
Y− Position Input.
6
GND
Analog Ground. Ground reference point for all circuitry on the AD7843. All analog input signals and any external
reference signal should be referred to this GND voltage.
7
IN3
Auxiliary Input 1. ADC Input Channel 3.
8
IN4
Auxiliary Input 2. ADC Input Channel 4.
9
VREF
Reference Input for the AD7843. An external reference must be applied to this input. The voltage range for the
external reference is 1.0 V to +VCC. For specified performance, it is 2.5 V.
11
PENIRQ
Pen Interrupt. CMOS logic open-drain output (requires 10 kΩ to 100 kΩ pull-up register externally).
12
DOUT
Data Out. Logic Output. The conversion result from the AD7843 is provided on this output as a serial data stream.
The bits are clocked out on the falling edge of the DCLK input. This output is high impedance when CS is high.
13
BUSY
BUSY Output. Logic Output. This output is high impedance when CS is high.
14
DIN
Data In. Logic input. Data to be written to the AD7843 control register is provided on this input and is clocked into
the register on the rising edge of DCLK (see the Control Register section).
15
CS
Chip Select Input. Active Low Logic Input. This input provides the dual function of initiating conversions on the
AD7843 and also enables the serial input/output register.
16
DCLK
External Clock Input. Logic Input. DCLK provides the serial clock for accessing data from the part. This clock input
is also used as the clock source for the AD7843 conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com