Electronic Components Datasheet Search
  English  ▼

X  

AD7843 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7843 Datasheet HTML 13Page - Analog Devices AD7843 Datasheet HTML 14Page - Analog Devices AD7843 Datasheet HTML 15Page - Analog Devices AD7843 Datasheet HTML 16Page - Analog Devices AD7843 Datasheet HTML 17Page - Analog Devices AD7843 Datasheet HTML 18Page - Analog Devices AD7843 Datasheet HTML 19Page - Analog Devices AD7843 Datasheet HTML 20Page - Analog Devices AD7843 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD7843
Rev. B | Page 18 of 20
Sixteen Clocks per Cycle
The control bits for the next conversion can be overlapped with
the current conversion to allow for a conversion every 16 DCLK
cycles, as shown in Figure 26. This timing diagram also allows
for the possibility of communication with other serial peripherals
between each (eight DCLK) byte transfer between the processor
and the converter. However, the conversion must be completed
within a short enough time frame to avoid capacitive droop
effects that could distort the conversion result. It should also be
noted that the AD7843 is fully powered while other serial
communications are taking place between byte transfers.
Fifteen Clocks per Cycle
Figure 27 shows the fastest way to clock the AD7843. This
scheme does not work with most microcontrollers or DSPs
because, in general, they are not capable of generating a
15-clock-cycle-per-serial transfer. However, some DSPs allow
the number of clocks per cycle to be programmed; this method
could also be used with FPGAs (field programmable gate
arrays) or ASICs (application specific integrated circuits). As in
the 16-clocks-per-cycle case, the control bits for the next
conversion are overlapped with the current conversion to allow
a conversion every 15 DCLK cycles, using 12 DCLKs to
perform the conversion and three DCLKs to acquire the analog
input. This effectively increases the throughput rate of the
AD7843 beyond that used for the specifications that are tested
using 16 DCLKs per cycle, and DCLK = 2 MHz.
8-Bit Conversion
By setting the MODE bit to 1 in the control register, the
AD7843 can operate in 8-bit rather than 12-bit mode. This
mode allows a faster throughput rate to be achieved, assuming
8-bit resolution is sufficient. When using the 8-bit mode, a
conversion is complete four clock cycles earlier than in the
12-bit mode. This could be used with serial interfaces that
provide 12 clock transfers, or two conversions could be
completed with three 8-clock transfers. The throughput rate
increases by 25% as a result of the shorter conversion cycle, but
the conversion itself can occur at a faster clock rate because the
internal settling time of the AD7843 is not as critical because
settling to 8 bits is all that is required. The clock rate can be as
much as 50% faster. The faster clock rate and fewer clock cycles
combine to provide double the conversion rate.
CS
DCLK
DIN
BUSY
DOUT
1
S
S
11
10
9
8
7
6
5
4
3
2
1
0
11
10
9
11
1
88
8
CONTROL BITS
CONTROL BITS
Figure 26. Conversion Timing, 16 DCLKS per Cycle, 8-Bit Bus Interface. No DCLK delay required with dedicated serial port.
CS
DCLK
DIN
BUSY
DOUT
S
A2
PD1 PD0
A1
A0 MODE
SER/
DFR
MODE
SER/
DFR
1
11
10
9
8
7
6
5
4
3
2
1
0
11
10
9
8
7
6
5
4
15
1
15
1
SA2
SA2
A1
PD1 PD0
A0
Figure 27. Conversion Timing, 15 DCLKS per Cycle, Maximum Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com