Electronic Components Datasheet Search
  English  ▼

X  

AD7843 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7843 Datasheet HTML 8Page - Analog Devices AD7843 Datasheet HTML 9Page - Analog Devices AD7843 Datasheet HTML 10Page - Analog Devices AD7843 Datasheet HTML 11Page - Analog Devices AD7843 Datasheet HTML 12Page - Analog Devices AD7843 Datasheet HTML 13Page - Analog Devices AD7843 Datasheet HTML 14Page - Analog Devices AD7843 Datasheet HTML 15Page - Analog Devices AD7843 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD7843
Rev. B | Page 11 of 20
CIRCUIT INFORMATION
The AD7843 is a fast, low-power, 12-bit, single-supply, A/D
converter. The AD7843 can be operated from a 2.2 V to 5.25 V
supply. When operated from either a 5 V supply or a 3 V supply,
the AD7843 is capable of throughput rates of 125 kSPS when
provided with a 2 MHz clock.
The AD7843 provides the user with an on-chip track-and-hold,
multiplexer, ADC, and serial interface housed in tiny 16-lead
QSOP or TSSOP packages, which offer the user considerable
space-saving advantages over alternative solutions. The serial
clock input (DCLK) accesses data from the part and also provides
the clock source for the successive approximation ADC. The
analog input range is 0 V to VREF (where the externally-applied
VREF can be between 1 V and VCC).
The analog input to the ADC is provided via an on-chip
multiplexer. This analog input can be any one of the X and Y
panel coordinates. The multiplexer is configured with low
resistance switches that allow an unselected ADC input channel
to provide power and an accompanying pin to provide ground
for an external device. For some measurements, the on resistance
of the switches could present a source of error. However, with a
differential input to the converter and a differential reference
architecture, this error can be negated.
ADC TRANSFER FUNCTION
The output coding of the AD7843 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSBs, and so forth.). The LSB size equals
VREF/4096. The ideal transfer characteristic for the AD7843 is
shown in Figure 17.
ANALOG INPUT
1LSB
0V
+VREF–1LSB
1LSB = VREF/4096
111...111
111...110
111...000
011...111
000...010
000...001
000...000
Figure 17. AD7843 Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 18 shows a typical connection diagram for the AD7843
in a touch screen control application. The AD7843 requires an
external reference and an external clock. The external reference
can be any voltage between 1 V and VCC. The value of the
reference voltage sets the input range of the converter. The
conversion result is output MSB first, followed by the remaining
11 bits and three trailing zeroes, depending on the number of
clocks used per conversion. (See the Serial Interface section.)
For applications where power consumption is a concern, the
power management option should be used to improve power
performance. See Table 7 for the available power management
options.
16
15
14
13
12
11
9
8
1
2
3
4
7
6
5
10
TOUCH
SCREEN
1
µF TO 10µF
(OPTIONAL)
2.2V TO 5V
0.1
µF
0.1
µF
AUXILIARY INPUTS
AD7843
+VCC
X+
Y+
X–
Y–
GND
IN3
IN4
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+VCC
VREF
SERIAL/CONVERSION CLOCK
CHIP SELECT
SERIAL DATA IN
CONVERTER STATUS
SERIAL DATA OUT
PEN INTERRUPT
100k
Ω
(OPTIONAL)
Figure 18. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com