Electronic Components Datasheet Search
  English  ▼

X  

AD7843 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7843 Datasheet HTML 7Page - Analog Devices AD7843 Datasheet HTML 8Page - Analog Devices AD7843 Datasheet HTML 9Page - Analog Devices AD7843 Datasheet HTML 10Page - Analog Devices AD7843 Datasheet HTML 11Page - Analog Devices AD7843 Datasheet HTML 12Page - Analog Devices AD7843 Datasheet HTML 13Page - Analog Devices AD7843 Datasheet HTML 14Page - Analog Devices AD7843 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD7843
Rev. B | Page 10 of 20
–120
–100
–80
–60
–40
–20
0
0
1020
3040
50
6070
8090
100
VCC RIPPLE FREQUENCY (kHz)
VCC = 3V, VREF = 2.5V
100mV p-p SINEWAVE ON +VCC
fSAMPLE = 125kHz, fIN = 20kHz
Figure 16. AC PSRR vs. Supply Ripple Frequency
Figure 16 shows the power supply rejection ratio versus VCC
supply frequency for the AD7843. The power supply rejection
ratio is defined as the ratio of the power in the ADC output at
full-scale frequency fS to the power of a 100 mV sine wave
applied to the ADC VCC supply of frequency fS:
PSRR (dB) = 10 log (Pf/Pfs)
where:
Pf is the power at frequency f in ADC output.
Pfs is the power at frequency fS coupled onto the ADC VCC
supply.
Here a 100 mV p-p sine wave is coupled onto the VCC supply.
Decoupling capacitors of 10 µF and 0.1 µF were used on the
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com