Electronic Components Datasheet Search
  English  ▼

X  

AD7843 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7843 Datasheet HTML 2Page - Analog Devices AD7843 Datasheet HTML 3Page - Analog Devices AD7843 Datasheet HTML 4Page - Analog Devices AD7843 Datasheet HTML 5Page - Analog Devices AD7843 Datasheet HTML 6Page - Analog Devices AD7843 Datasheet HTML 7Page - Analog Devices AD7843 Datasheet HTML 8Page - Analog Devices AD7843 Datasheet HTML 9Page - Analog Devices AD7843 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD7843
Rev. B | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
+VCC to GND
−0.3 V to +7 V
Analog Input Voltage to GND
−0.3 V to VCC + 0.3 V
Digital Input Voltage to GND
−0.3 V to VCC + 0.3 V
Digital Output Voltage to GND
−0.3 V to VCC + 0.3 V
VREF to GND
−0.3 V to VCC + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
QSOP, TSSOP Package, Power Dissipation
450 mW
θJA Thermal Impedance
149.97°C/W (QSOP)
150.4°C/W (TSSOP)
θJC Thermal Impedance
38.8°C/W (QSOP)
27.6°C/W (TSSOP)
IR Reflow Soldering
Peak Temperture
Time-to-Peak Temperture
Ramp-Down Rate
220°C (±5°C)
10 sec to 30 sec
6°C/sec max
Pb-free parts only
Peak Temperture
250°C
Time-to-Peak Temperture
Ramp-Up Rate
Ramp-Down Rate
20 sec to 40 sec
3°C/sec max
6°C/sec max
________________
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Rating
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com