Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 6Page - Analog Devices AD7851AR Datasheet HTML 7Page - Analog Devices AD7851AR Datasheet HTML 8Page - Analog Devices AD7851AR Datasheet HTML 9Page - Analog Devices AD7851AR Datasheet HTML 10Page - Analog Devices AD7851AR Datasheet HTML 11Page - Analog Devices AD7851AR Datasheet HTML 12Page - Analog Devices AD7851AR Datasheet HTML 13Page - Analog Devices AD7851AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD7851
–10–
REV. B
AD7851 ON-CHIP REGISTERS
The AD7851 powers up with a set of default conditions, and the user need not ever write to the device. In this case, the AD7851 will
operate as a read-only ADC. The AD7851 still retains the flexibility for performing a full power-down and a full self-calibration.
Note that the DIN pin should be tied to DGND for operating the AD7851 as a read-only ADC.
Extra features and flexibility, such as performing different power-down options, different types of calibrations, including system cali-
bration, and software conversion starts can be selected by writing to the part.
The AD7851 contains a control register, ADC output data register, status register, test register, and 10 calibration registers.
The control register is write-only, the ADC output data register and the status register are read-only, and the test and calibration
registers are both read/write registers. The test register is used for testing the part and should not be written to.
Addressing the On-Chip Registers
Writing
A write operation to the AD7851 consists of 16 bits. The two MSBs, ADDR0 and ADDR1, are decoded to determine which regis-
ter is addressed, and the subsequent 14 bits of data are written to the addressed register. It is not until all 16 bits are written that
the data is latched into the addressed register. Table I shows the decoding of the address bits, while Figure 4 shows the overall
write register hierarchy.
Table I. Write Register Addressing
ADDR1
ADDR0
Comment
00
This combination does not address any register so the subsequent 14 data bits are ignored.
01
This combination addresses the TEST REGISTER. The subsequent 14 data bits are written to the test register.
10
This combination addresses the CALIBRATION REGISTERS. The subsequent 14 data bits are written
to the selected calibration register.
11
This combination addresses the CONTROL REGISTER. The subsequent 14 data bits are written to the
control register.
Reading
To read from the various registers the user must first write to Bits 6 and 7 in the Control Register, RDSLT0 and RDSLT1. These
bits are decoded to determine which register is addressed during a read operation. Table II shows the decoding of the read address
bits while Figure 5 shows the overall read register hierarchy. The power-up status of these bits is 00 so that the default read will be
from the ADC output data register.
Once the read selection bits are set in the control register, all subsequent read operations that follow will be from the selected register
until the read selection bits are changed in the control register.
Table II. Read Register Addressing
RDSLT1
RDSLT0
Comment
00
All successive read operations will be from ADC OUTPUT DATA REGISTER. This is the power-up default
setting. There will always be two leading zeros when reading from the ADC output data register.
01All successive read operations will be from TEST REGISTER.
10All successive read operations will be from CALIBRATION REGISTERS.
11All successive read operations will be from STATUS REGISTER.
ADDR1, ADDR0
DECODE
TEST
REGISTER
CONTROL
REGISTER
GAIN (1)
OFFSET (1)
DAC (8)
GAIN (1)
OFFSET (1)
OFFSET (1)
GAIN (1)
01
10
11
00
01
10
11
CALSLT1, CALSLT0
DECODE
CALIBRATION
REGISTERS
Figure 4. Write Register Hierarchy/Address Decoding
RDSLT1, RDSLT0
DECODE
TEST
REGISTER
CALIBRATION
REGISTERS
STATUS
REGISTER
GAIN (1)
OFFSET (1)
DAC (8)
GAIN (1)
OFFSET (1)
OFFSET (1)
GAIN (1)
01
10
11
00
01
10
11
CALSLT1, CALSLT0
DECODE
ADC OUTPUT
DATA REGISTER
00
Figure 5. Read Register Hierarchy/Address Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com