Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 32 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 28Page - Analog Devices AD7851AR Datasheet HTML 29Page - Analog Devices AD7851AR Datasheet HTML 30Page - Analog Devices AD7851AR Datasheet HTML 31Page - Analog Devices AD7851AR Datasheet HTML 32Page - Analog Devices AD7851AR Datasheet HTML 33Page - Analog Devices AD7851AR Datasheet HTML 34Page - Analog Devices AD7851AR Datasheet HTML 35Page - Analog Devices AD7851AR Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD7851
–32–
REV. B
AD7851 to ADSP-21xx Interface
Figure 47 shows the AD7851 interface to the ADSP-21xx. The
ADSP-21xx is the slave and the AD7851 is the master. The
AD7851 is in Interface Mode 5. For the ADSP-21xx, the bits in
the serial port control register should be set up as TFSR = RFSR
= 1 (need a frame sync for every transfer), SLEN = 15 (16-bit
word length), TFSW = RFSW = 1 (alternate framing mode for
transmit and receive operations), INVRFS = INVTFS = 1 (active
low RFS and TFS), IRFS = ITFS = 0 (external RFS and TFS),
and ISCLK = 0 (external serial clock). The CLKIN and
CONVST signals could be supplied from the ADSP-21xx or
from an external source. The AD7851 supplies the SCLK and
the
SYNC signals to the ADSP-21xx and the reading and writing
takes place during conversion. The BUSY signal only indicates
when the conversion is finished and may not be required. The
data access and hold times of the ADSP-21xx and the AD7851
allow for a CLKIN of 7 MHz/6 MHz with a 5 V supply.
AD7851
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
7MHz/6MHz
SYNC
RFS
DIN AT DGND FOR
NO WRITING TO PART
SLAVE
MASTER
OPTIONAL
DIN
DVDD
OPTIONAL
IRQ
DT
TFS
ADSP-21xx
DR
SCK
Figure 47. ADSP-21xx Interface
AD7851 to DSP56000/1/2/L002 Interface
Figure 48 shows the AD7851 to DSP56000/1/2/L002 interface.
Here the DSP5600x is the master and the AD7851 is the slave.
The AD7851 is in Interface Mode 3. The setting of the bits in
the registers of the DSP5600x would be for synchronous opera-
tion (SYN = 1), internal frame sync (SCD2 = 1), internal clock
(SCKD = 1), 16-bit word length (WL1 = 1, WL0 = 0), frames
sync only active at beginning of the transfer (FSL1 = 0, FSL0 =
1). A gated clock can be used (GCK = 1) or if the SCLK is to
be tied to the CLKIN of the AD7851, then there must be a con-
tinuous clock (GCK = 0). Again the data access and hold times
of the DSP5600x and the AD7851 should allow for an SCLK of
7 MHz/6 MHz.
AD7851
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
7MHz/6MHz
SYNC
DIN AT DGND FOR
NO WRITING TO PART
SLAVE
OPTIONAL
DIN
DVDD
OPTIONAL
DSP
56000/1/2/L002
SRD
SCK
SC2
MASTER
STD
IRQ
Figure 48. DSP56000/1/2/L002 Interface
AD7851 to TMS320C20/25/5x/LC5x Interface
Figure 49 shows the AD7851 to the TMS320Cxx interface. The
AD7851 is the master and operates in Interface Mode 5. For the
TMS320Cxx, the CLKX, CLKR, FSX, and FSR pins should all
be configured as inputs. The CLKX and the CLKR should be
connected together as should the FSX and FSR. Because the
AD7851 is the master and the reading and writing occurs during
the conversion, the BUSY only indicates when the conversion is
finished and thus may not be required. Again the data access and
hold times of the TMS320Cxx and the AD7851 allow for a
CLKIN of 7 MHz/6 MHz.
AD7851
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
7MHz/6MHz
SYNC
DIN AT DGND FOR
NO WRITING TO PART
SLAVE
MASTER
OPTIONAL
DIN
DVDD
OPTIONAL
DT
FSX
INT0
TMS320C20/
25/5x/LC5x
DR
CLKR
FSR
CLKX
Figure 49. TMS320C20/25/5x Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com