Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 14 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 10Page - Analog Devices AD7851AR Datasheet HTML 11Page - Analog Devices AD7851AR Datasheet HTML 12Page - Analog Devices AD7851AR Datasheet HTML 13Page - Analog Devices AD7851AR Datasheet HTML 14Page - Analog Devices AD7851AR Datasheet HTML 15Page - Analog Devices AD7851AR Datasheet HTML 16Page - Analog Devices AD7851AR Datasheet HTML 17Page - Analog Devices AD7851AR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD7851
–14–
REV. B
FINISHED
LAST
REGISTER
WRITE
OPERATION
OR
ABORT
?
YES
NO
CAL REGISTER POINTER IS
AUTOMATICALLY INCREMENTED
READ CAL REGISTER
CAL REGISTER POINTER IS
AUTOMATICALLY RESET
WRITE TO CONTROL REGISTER SETTING STCAL = 0, RDSLT1 = 1,
RDSLT0 = 0, AND CALSLT1, CALSLT0 = 00, 01, 10, 11
START
Figure 9. Flowchart for Reading from the
Calibration Registers
Adjusting the Offset Calibration Register
The offset calibration register contains 16 bits, 2 leading 0s, and
14 data bits. By changing the contents of the offset register, dif-
ferent amounts of offset on the analog input signal can be com-
pensated for. Increasing the number in the offset calibration
register compensates for the negative offset on the analog input
signal, and decreasing the number in the offset calibration regis-
ter compensates for the positive offset on the analog input signal.
The default value of the offset calibration register is approxi-
mately 0010 0000 0000 0000. This is not an exact value, but the
value in the offset register should be close to this value. Each of
the 14 data bits in the offset register is binary weighted; the MSB
has a weighting of 5% of the reference voltage, the MSB-1 has a
weighting of 2.5%, the MSB-2 has a weighting of 1.25%, and so
on down to the LSB which has a weighting of 0.0006%.
This gives a resolution of
± 0.0006% of VREF approximately.
More accurately the resolution is
± (0.05 × V
REF)/2
13 V =
±0.015 mV, with a 2.5 V reference. The maximum offset that
can be compensated for is
±5% of the reference voltage, which
equates to
±125 mV with a 2.5 V reference and ±250 mV with
a 5 V reference.
Q. If a +20 mV offset is present in the analog input signal and
the reference voltage is 2.5 V, what code needs to be written
to the offset register to compensate for the offset?
A. The 2.5 V reference implies that the resolution in the off-
set register is 5%
× 2.5 V/213 = 0.015 mV. 20 mV/
0.015 mV = 1310.72; rounding to the nearest number gives
1311. In binary terms this is 0101 0001 1111, therefore
decrease the offset register by 0101 0001 1111.
This method of compensating for offset in the analog input signal
allows for fine-tuning the offset compensation. If the offset on the
analog input signal is known, there will be no need to apply the
offset voltage to the analog input pins to do a system calibration.
The offset compensation can take place in software.
Adjusting the Gain Calibration Register
The gain calibration register contains 16 bits, 2 leading 0s, and
14 data bits. The data bits are binary weighted as in the offset
calibration register. The gain register value is effectively multi-
plied by the analog input to scale the conversion result over the
full range. Increasing the gain register compensates for a
smaller analog input range and decreasing the gain register
compensates for a larger input range. The maximum analog
input range that the gain register can compensate for is 1.025
times the reference voltage, and the minimum input range is
0.975 times the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com