Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 18 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 14Page - Analog Devices AD7851AR Datasheet HTML 15Page - Analog Devices AD7851AR Datasheet HTML 16Page - Analog Devices AD7851AR Datasheet HTML 17Page - Analog Devices AD7851AR Datasheet HTML 18Page - Analog Devices AD7851AR Datasheet HTML 19Page - Analog Devices AD7851AR Datasheet HTML 20Page - Analog Devices AD7851AR Datasheet HTML 21Page - Analog Devices AD7851AR Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD7851
–18–
REV. B
REFERENCE SECTION
For specified performance, it is recommended that when using
an external reference this reference should be between 4 V and
the analog supply AVDD. The connections for the relevant refer-
ence pins are shown in the typical connection diagrams. If the
internal reference is being used, the REFIN/REFOUT pin should
have a 100 nF capacitor connected to AGND very close to the
REFIN/REFOUT pin. These connections are shown in Figure 18.
If the internal reference is required for use external to the ADC,
it should be buffered at the REFIN/REFOUT pin and a 100 nF
capacitor connected from this pin to AGND. The typical noise
performance for the internal reference with 5 V supplies is
150 nV/
√Hz @ 1 kHz and dc noise is 100 µV p-p.
REFIN/REFOUT
AD7851
ANALOG
SUPPLY
5V
AVDD
DVDD
0.01 F
0.1 F
10 F
CREF1
CREF2
0.01 F
0.1 F
470nF
0.1 F
10
Figure 18. Relevant Connections When Using
Internal Reference
The other option is that the REFIN/REFOUT pin be overdriven
by connecting it to an external reference. This is possible due to
the series resistance from the REFIN/REFOUT pin to the internal
reference. This external reference can have a range that includes
AVDD. When using AVDD as the reference source, the 100 nF
capacitor from the REFIN/REFOUT pin to AGND should be as
close as possible to the REFIN/REFOUT pin, and also the CREF1
pin should be connected to AVDD to keep this pin at the same
level as the reference. The connections for this arrangement are
shown in Figure 19. When using AVDD it may be necessary to
add a resistor in series with the AVDD supply. This will have the
effect of filtering the noise associated with the AVDD supply.
REFIN/REFOUT
AD7851
ANALOG
SUPPLY
5V
AVDD
DVDD
0.01 F
0.1 F
10 F
CREF1
CREF2
0.01 F
0.01 F
470nF
0.1 F
10
10
Figure 19. Relevant Connections When Using AVDD
as the Reference
AD7851 PERFORMANCE CURVES
Figure 20 shows a typical FFT plot for the AD7851 at 333 kHz
sample rate and 10 kHz input frequency.
FREQUENCY (kHz)
0
–20
–120
0
100
20
40
60
80
–40
–60
–80
–100
AVDD = DVDD = 5V
f
SAMPLE = 333kHz
f
IN = 10kHz
SNR = 79.5dB
THD = –95.2
Figure 20. FFT Plot
Figure 21 shows the SNR versus frequency for a 5 V supply and
a 4.096 external reference (5 V reference is typically 1 dB better
performance).
INPUT FREQUENCY (kHz)
79
75
0
166
20
50
120
140
78
77
76
10
80
100
Figure 21. SNR vs. Frequency
Figure 22 shows the power supply rejection ratio versus fre-
quency for the part. The power supply rejection ratio is defined
as the ratio of the power in ADC output at frequency f to the
power of a full-scale sine wave.
PSRR (dB) = 10 log (Pf/Pfs)
Pf is the power at frequency f in ADC output, Pfs is the power
of a full-scale sine wave. Here a 100 mV peak-to-peak sine wave
is coupled onto the AVDD supply while the digital supply is left
unaltered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com