Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 28 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 24Page - Analog Devices AD7851AR Datasheet HTML 25Page - Analog Devices AD7851AR Datasheet HTML 26Page - Analog Devices AD7851AR Datasheet HTML 27Page - Analog Devices AD7851AR Datasheet HTML 28Page - Analog Devices AD7851AR Datasheet HTML 29Page - Analog Devices AD7851AR Datasheet HTML 30Page - Analog Devices AD7851AR Datasheet HTML 31Page - Analog Devices AD7851AR Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD7851
–28–
REV. B
If the user has control of the
CONVST pin but does not want to
exercise it for every conversion, the control register may be used
to start a conversion. Setting the
CONVST bit in the control
register to 1 starts a conversion. If the user does not have con-
trol of the
CONVST pin, a conversion should not be initiated
by writing to the control register. The reason for this is that the
user may get locked out and not be able to perform any further
write/read operations. When a conversion is started by writing to
the control register, the
SYNC goes low and read/write opera-
tions take place while the conversion is in progress. However,
once the conversion is complete, there is no way of writing to
the part unless the
CONVST pin is exercised. The CONVST
signal triggers the
SYNC signal low which allows read/write
operations to take place.
SYNC must be low to perform read/
write operations. The
SYNC is triggered low by the CONVST
signal rising edge or by setting the
CONVST bit in the control
register to 1. Therefore, if there is not full control of the
CONVST pin, the user may become locked out.
SERIAL
INTERFACE
MODE
?
POWER ON, APPLY CLKIN SIGNAL,
WAIT FOR AUTOMATIC CALIBRATION
DIN CONNECTED TO DGND
NO
YES
START
WAIT FOR BUSY SIGNAL
TO GO LOW
PULSE
CONVST PIN
READ
DATA
DURING
CONVERSION
?
WAIT APPROXIMATELY 200ns
AFTER
CONVST RISING EDGE
APPLY
SYNC (IF REQUIRED), SCLK, AND READ
CONVERSION RESULT ON DOUT PIN
PULSE
CONVST PIN
SYNC AUTOMATICALLY GOES LOW
AFTER
CONVST RISING EDGE
SCLK AUTOMATICALLY ACTIVE, READ
CONVERSION RESULT ON DOUT PIN
4, 5
2, 3
Figure 40. Flowchart for Setting Up and Reading from the AD7851
CONFIGURING THE AD7851
AD7851 as a Read-Only ADC
The AD7851 contains 14 on-chip registers that can be accessed
via the serial interface. In the majority of applications, it will not
be necessary to access all of these registers. Figure 40 outlines the
sequence used to configure the AD7851 as a read-only ADC. In
this case, there is no writing to the on-chip registers and only the
conversion result data is read from the part. Interface Mode 1
cannot be used in this case as it is necessary to write to the con-
trol register to set Interface Mode 1. Here the CLKIN signal is
applied directly after power-on; the CLKIN signal must be
present to allow the part to perform a calibration. This automatic
calibration will be completed approximately 42 ms after the
AD7851 has powered up (6 MHz CLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com