Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 29 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 25Page - Analog Devices AD7851AR Datasheet HTML 26Page - Analog Devices AD7851AR Datasheet HTML 27Page - Analog Devices AD7851AR Datasheet HTML 28Page - Analog Devices AD7851AR Datasheet HTML 29Page - Analog Devices AD7851AR Datasheet HTML 30Page - Analog Devices AD7851AR Datasheet HTML 31Page - Analog Devices AD7851AR Datasheet HTML 32Page - Analog Devices AD7851AR Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
–29–
REV. B
AD7851
SERIAL
INTERFACE
MODE
?
NO
YES
TRANSFER
DATA
DURING
CONVERSION
?
APPLY
SYNC (IF REQUIRED), SCLK, READ
CURRENT CONVERSION RESULT ON DOUT PIN,
AND WRITE ALL 0s ON DIN PIN
WAIT FOR BUSY SIGNAL TO GO LOW
OR WAIT FOR BUSY BIT = 0
APPLY
SYNC (IF REQUIRED), SCLK, WRITE TO CONTROL
REGISTER SETTING
CONVST BIT TO 1, READ CURRENT
CONVERSION RESULT ON DOUT PIN
2, 3
INITIATE
CONVERSION
IN
SOFTWARE
?
WAIT APPROXIMATELY 200ns
AFTER
CONVST RISING EDGE
APPLY
SYNC (IF REQUIRED),
SCLK, READ PREVIOUS CONVERSION
RESULT ON DOUT PIN,
AND WRITE ALL 0s ON DIN PIN
NO
YES
TRANSFER
DATA DURING
CONVERSION
APPLY
SYNC (IF REQUIRED), SCLK, WRITE TO CONTROL
REGISTER SETTING
CONVST BIT TO 1, READ PREVIOUS
CONVERSION RESULT ON DOUT PIN (SEE NOTE)
YES
NO
NOTE: WHEN USING THE SOFTWARE CONVERSION START AND
TRANSFERRING DATA DURING CONVERSION, THE USER MUST ENSURE
THE CONTROL REGISTER WRITE OPERATION EXTENDS BEYOND THE
FALLING EDGE OF BUSY. THE FALLING EDGE OF BUSY RESETS THE
CONVST BIT TO 0 AND ONLY AFTER THIS TIME CAN IT BE REPROGRAMMED
TO 1 TO START THE NEXT CONVERSION.
START
POWER ON, APPLY CLKIN SIGNAL,
WAIT FOR AUTOMATIC CALIBRATION
PULSE
CONVST PIN
WAIT FOR BUSY SIGNAL TO GO
LOW OR WAIT FOR BUSY BIT = 0
Figure 41. Flowchart for Setting Up, Reading, and Writing in Interface Modes 2 and 3
Writing to the AD7851
For accessing the on-chip registers, it is necessary to write to the
part. To enable Serial Interface Mode 1, the user must also write
to the part. Figures 41, 42, and 43 shows how to configure the
AD7851 for each of the different serial interface modes. The
continuous loops on all diagrams indicate the sequence for more
than one conversion. The options of using a hardware (pulsing
the
CONVST pin) or software (setting the CONVST bit to 1)
conversion start, and reading/writing during or after conversion
are shown in Figures 41 and 42. If the
CONVST pin is never
used, then it should be tied to DVDD permanently. Where refer-
ence is made to the BUSY bit equal to a Logic 0, to indicate the
end of conversion, the user in this case would poll the BUSY bit
in the status register.
Interface Modes 2 and 3 Configuration
Figure 41 shows the flowchart for configuring the part in Inter-
face Modes 2 and 3. For these interface modes, the read and
write operations take place simultaneously via the serial port.
Writing all 0s ensures that no valid data is written to any of the
registers. When using the software conversion start and transfer-
ring data during conversion, the Figure 41 note must be obeyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com