Electronic Components Datasheet Search
  English  ▼

X  

AD7851AR Datasheet(PDF) 25 Page - Analog Devices

Part # AD7851AR
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851AR Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7851AR Datasheet HTML 21Page - Analog Devices AD7851AR Datasheet HTML 22Page - Analog Devices AD7851AR Datasheet HTML 23Page - Analog Devices AD7851AR Datasheet HTML 24Page - Analog Devices AD7851AR Datasheet HTML 25Page - Analog Devices AD7851AR Datasheet HTML 26Page - Analog Devices AD7851AR Datasheet HTML 27Page - Analog Devices AD7851AR Datasheet HTML 28Page - Analog Devices AD7851AR Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
–25–
REV. B
AD7851
DB15
DB0
DB0
DB15
t
3
DIN (I/O)
t
3
t
11
t
6
116
16
1
t
5A
t
12
DIN BECOMES AN INPUT
THREE-STATE
t
6
t
11
DIN BECOMES AN OUTPUT
t
3 = –0.4 tSCLK MIN (NONCONTINUOUS SCLK)
0.4 t
SCLK MIN/MAX (CONTINUOUS SCLK),
t
6 = 45 MAX, t7 = 30ns MIN, t8 = 20 MIN
POLARITY PIN
LOGIC HIGH
SYNC (I/P)
SCLK (I/P)
t
8
t
14
t
7
DATA WRITE
DATA READ
Figure 33. Timing Diagram for Read/Write Operation with DIN as an Input/Output (Interface Mode 1, SM1 = SM2 = 0)
DB15
DB0
DB0
DB15
DIN (I/O)
t
6 = 45 MAX, t7 = 30ns MIN, t8 = 20 MIN,
t
13 = 90 MAX, t14 = 50ns MAX
6
116
16
1
t
13
t
6
DIN BECOMES AN INPUT
t
6
POLARITY PIN
LOGIC HIGH
SCLK (I/P)
t
8
t
14
t
7
DATA WRITE
DATA READ
Figure 34. Timing Diagram for Read/Write Operation with DIN as an Input/Output and
SYNC Input Tied Low
(Interface Mode 1, SM1 = SM2 = 0)
DETAILED TIMING SECTION
Mode 1 (2-Wire 8051 Interface)
The read and writing takes place on the DIN line and the conver-
sion is initiated by pulsing the
CONVST pin (note that in every
write cycle the 2/
3 MODE bit must be set to 1). The conversion
may be started by setting the
CONVST bit in the control register
to 1 instead of using the
CONVST line.
Below in Figure 33 and in Figure 34 are the timing diagrams for
Interface Mode 1 in the 2-wire interface mode. Here the DIN pin
is used for both input and output as shown. The
SYNC input is
level-triggered active low and can be pulsed (Figure 33) or can be
constantly low (Figure 34).
In Figure 33, the part samples the input data on the rising edge
of SCLK. After the 16th rising edge of SCLK, the DIN is con-
figured as an output. When the
SYNC is taken high, the DIN is
three-stated. Taking
SYNC low disables the three-state on the
DIN pin and the first SCLK falling edge clocks out the first data
bit. Once the 16 clocks have been provided, the DIN pin will
automatically revert back to an input after a time t14. Note that a
continuous SCLK shown by the dotted waveform in Figure 33
can be used provided the
SYNC is low for only 16 clock pulses
in each of the read and write cycles. The POLARITY pin may
be used to change the SCLK edge which the data is sampled on
and clocked out on.
In Figure 34, the
SYNC line is tied low permanently, which
results in a different timing arrangement. With
SYNC tied low
permanently, the DIN pin will never be three-stated. The 16th
rising edge of SCLK configures the DIN pin as an input or an
output as shown in the diagram. Here no more than 16 SCLK
pulses must occur for each of the read and write operations.
If reading from and writing to the calibration registers in this
interface mode, all the selected calibration registers must be
read from or written to. The read and write operations cannot
be aborted. When reading from the calibration registers, the
DIN pin will remain as an output for the full duration of all
the calibration register read operations. When writing to the
calibration registers, the DIN pin will remain as an input for
the full duration of all the calibration register write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com