Electronic Components Datasheet Search
  English  ▼

X  

AIC1574CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1574CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1574CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1574CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AIC1574
2
n TYPICAL APPLICATION
+
+
+
VAUX
DRIVE2
VSEN2
SELECT
DRIVE3
VSEN3
SD
DRIVE4
VESN4
FIX
2
9
11
10
16
COUT2
Q3
+3.3VIN
3.3V or 1.5V
VOUT2
+12VIN
10
2.2 µF
COUT4
1.8V
Q5
Q4
COUT3
14
VOUT4
15
VOUT3
19
18
1.5V
1
GND
28
23
VCC
17
7
6
5
4
3
8
13
12
20
21
22
24
25
26
27
+
+
UGATE1
PHASE1
LGATE1
PGND
VSEN1
FB
NC
VID0
VID1
VID2
VID3
VID4
PGOOD
FAULT/RT
SS
COUT1
Css
OCSET1
L1
GND
+5VIN
D5820
1µH
L1
Q2
Q1
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com