Electronic Components Datasheet Search
  English  ▼

X  

AIC1574CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1574CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1574CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1574CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1574CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AIC1574
4
n ELECTRICAL CHARACTERISTICS (Vcc=12V, TJ=25°C, Unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VCC SUPPLY CURRENT
Supply Current
UGATE, LGATE, GATE3 and
VOUT2 open
ICC
3
mA
POWER ON RESET
Rising VCC Threshold
VOCSET=4.5V
VCCTHR
10.4
V
Falling VCC Threshold
VOCSET=4.5V
VCCTHF
8.2
V
Rising VAUX Threshold
VAUXTHR
2.5
V
VAUX Threshold Hysteresis
VAUXHYS
500
mV
Rising VOCSET1 Threshold
VOCSETH
1.26
V
OSCILLATOR
Free Running Frequency
RT=Open
F
170
200
230
KHz
Total Variation
6k
Ω<RT to GND<200kΩ
-15
+15
%
Ramp. Amplitude
RT=open
∆VOSC
1.5
VP-P
REFERENCE AND DAC
DAC (VID0~VID4) Input Low
Voltage
VIDL
0.8
V
DAC (VID0~VID4) Input High
Voltage
VIDH
2.0
V
DACOUT Voltage Accuracy
VDAC=1.8V~3.5V
-1.0
+1.0
%
Bandgap Reference Voltage
VREF
1.265
V
Bandgap Reference Toler-
ance
-2.5
+2.5
%
LINEAR REGULATOR (OUT2, OUT3, OUT4)
Regulation
3
%
VSEN2 Regulation Voltage
Select<0.8V
VREG2
1.5
V
VSEN2 Regulation Voltage
Select>2.0V
VREG2
3.3
V
VSEN3 Regulation Voltage
VREG3
1.5
V
VSEN3 Regulation Voltage
VREG4
1.8
V
Under-Voltage Level
( VSEN/VREG)
VSEN Rising
VSENUV
75
%
Under-Voltage Hysteresis
(VSEN/VREG)
VSEN Falling
5
%
Output Drive Current (All
Linears )
VAUX-VDRIVE > 0.6V
20
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com